Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2910 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2910 Datasheet HTML 1Page - Renesas Technology Corp F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Constant Impedance K|Z| SPST
RF Switch 30MHz to 8000MHz
F2910
Datasheet
© 2020 Renesas Electronics Corporation
1
August 31, 2020
Description
The F2910 is a high reliability, low insertion loss, 50Ω absorptive
SPST RF switch designed for a multitude of wireless and RF
applications. This device covers a broad frequency range from
30MHz to 8000MHz. In addition to providing low insertion loss,
the F2910 also delivers excellent linearity and isolation
performance while providing a 50Ω termination on RF2 in the
isolation mode. The F2910 includes a patent pending constant
impedance K|Z| feature for the RF2 port. K|Z| maintains near
constant impedance when switching RF ports and improves hot
switching ruggedness. K|Z| minimizes VSWR transients and
reduces phase and amplitude variations when switching.
The F2910 uses a single positive supply voltage supporting either
3.3V or 1.8V control logic.
Competitive Advantage
The F2910 provides constant impedance for one RF port during
transitions, improving a system’s hot-switching ruggedness. The
device also supports high power handling and high isolation.
Constant impedance K|Z| during switching transition
Low insertion loss
High isolation
Excellent linearity
Extended temperature range: -55°C to +105°C
Typical Applications
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 systems
Digital Pre-Distortion
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
Wireless LAN
Test / ATE Equipment
Features
Insertion Loss
0.55dB at 2GHz
High Isolation
51dB at 2GHz
High Linearity
IIP3 of 65dBm
Wide Single Positive Supply Voltage Range
3.3V and 1.8V compatible control logic
Operating temperature -55°C to +105°C
2 x 2 mm 8-DFN package
Block Diagram
Figure 1. Block Diagram


Similar Part No. - F2910

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910EVBI IDT-F2910EVBI Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910NBGP IDT-F2910NBGP Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
F2910NBGP8 IDT-F2910NBGP8 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
More results

Similar Description - F2910

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com