Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6121 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6121
Description  Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6121 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6121 Datasheet HTML 1Page - Renesas Technology Corp F6121 Datasheet HTML 2Page - Renesas Technology Corp F6121 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Short-Form Datasheet
F6121
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
X0091232 Rev.2.0
May 26, 2021
Page 1
© 2021 Renesas Electronics
The F6121 is a 16-ch dual-beam receive active
beamforming RFIC designed for application in Ku-
Band SATCOM planar phased array antennas. The
IC has eight RF input ports, two RF output ports and
16 (8 per beam) phase/amplitude control channels.
The eight input ports of the IC may be driven by eight
single-polarized elements or four dual-polarized
elements of an electronically scanned array (ESA).
Each channel has 6-bits of digital phase and gain
control resolution spanning 360° and 28dB of
dynamic range, enabling precise beam pattern and
polarization control.
The IC operates from a single supply of 2.1V–2.5V.
When paired with the Renesas F6921 LNA, it
achieves a typical cascaded gain of 30dB, while
minimizing the front end feed loss due to the
flexibility of LNA physical placement near the
antenna feeds. The chip includes SPI programmable
power management features such as a low power
standby mode, independent enable controls on every
channel, lower power bias mode and a single-beam
operation mode. The device SPI bus and control pins
operate from standard 1.8V logic at speeds up to
50MHz. Advanced digital modes and large on-chip
memory allow for < 100ns beam position switching
times at the array level, greatly reducing dead time
and latency.
Finally, the compact and CTE-matched FC-BGA
organic package with all single-ended 50
Ω matched
RF ports and 0.5mm pitch greatly simplifies the
physical integration of these devices onto large
antenna panels.
Features
■ 10.7–12.75 GHz operation
■ Supports 4 dual-pol or 8 single-pol elements
■ Two simultaneous and independent beam outputs
■ 360° phase control with 6-bit resolution
■ 28dB gain control with 0.45dB step size
■ 2.3V nominal single supply input
■ Standard 1.8V digital logic
■ IDAC for external LNA biasing
■ Temperature compensation
■ Temperature sensor w/ digital readout
■ Advanced digital modes with fast beam steering
■ On-chip beam-state memory
■ 3.8 × 4.6 × 0.9 mm, 63-pin FC-BGA
Applications
■ Phased Array Antennas
■ Ku-Band SATCOM Terminals
■ Aerospace, Maritime & SOTM
Figure 1. Block Diagram


Similar Part No. - F6121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121AVGI RENESAS-F6121AVGI Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121AVGI8 RENESAS-F6121AVGI8 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121EVS RENESAS-F6121EVS Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
More results

Similar Description - F6121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
logo
NXP Semiconductors
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Renesas Technology Corp
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com