Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6123 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6123
Description  Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6123 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6123 Datasheet HTML 1Page - Renesas Technology Corp F6123 Datasheet HTML 2Page - Renesas Technology Corp F6123 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual-beam Rx Active Beamforming IC
14.4 – 17.3 GHz
F6123
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
June 4, 2020
Description
The F6123 is a 16-channel dual-beam receive active beamforming
RFIC designed for application in Ku/CDL-Band planar phased
array antennas. The IC has eight RF input ports, two RF output
ports, and 16 (8 per beam) phase/amplitude control channels. The
eight input ports of the IC can be driven by eight single-polarized
elements or four dual-polarized elements of an electronically
scanned array (ESA). Each channel has 6 bits of digital phase and
gain control resolution spanning 360° and 26dB of dynamic range,
enabling precise beam pattern and polarization control.
The IC operates from a single supply of 2.1 - 2.5V. When paired
with the Renesas F6923 LNA, it achieves a typical cascaded gain
of 30dB, while minimizing the front end feed loss due to the
flexibility of LNA physical placement near the antenna feeds. The
chip includes power management features such as a low-power
standby mode, independent enable controls on every channel, and
a single-beam mode activated via a dedicated control pin. The
device SPI bus and control pins operate from standard 1.8V logic
at speeds up to 50MHz. Advanced digital modes and large on-chip
memory allow for < 100ns beam position switching times at the
array level, greatly reducing dead time and latency.
Finally, the compact and CTE-matched FCBGA organic package
with all single-ended 50ohm matched RF ports and 0.5mm pitch
greatly simplifies the physical integration of these devices onto
large antenna panels.
Block Diagram
Features
14.4 – 17.3GHz operation
Supports 4 dual-pol or 8 single-pol elements
Two simultaneous and independent beam outputs
360° phase control with 6-bit resolution
26dB gain control with 0.45dB step size
2.3V nominal single supply input
Standard 1.8V digital logic
IDAC for external LNA biasing
Temperature compensation
Temperature sensor w/ digital readout
Advanced digital modes with fast beam steering
On-chip beam-state memory
3.8
 4.6  0.9 mm, 63-FCBGA
Typical Applications
Phased array antennas
Ku-Band SATCOM terminals
Common Data Link (CDL) terminals
Ku-Band radar
Aerospace, maritime, and SOTM
Instrumentation


Similar Part No. - F6123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121 RENESAS-F6121 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121AVGI RENESAS-F6121AVGI Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121AVGI8 RENESAS-F6121AVGI8 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121EVS RENESAS-F6121EVS Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
More results

Similar Description - F6123

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC370LP4 HITTITE-HMC370LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Analog Devices
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Renesas Technology Corp
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com