Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1SS Datasheet(PDF) 1 Page - Samtec, Inc

Part # S1SS
Description  (1.00 mm) .0394" PITCH SINGLE ROW DISCRETE WIRE SOCKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

S1SS Datasheet(HTML) 1 Page - Samtec, Inc

  S1SS Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- PINS
PER ROW
- WIRE
GAUGE
- PLATING
OPTION
- ASSEMBLED
LENGTH
-
OPTION
S1SS
= Single Row
PVC Cable
S1SST
= Single Row Blue
*Teflon® Cable
(28 AWG only)
–02, –03,
–05, –07,
–10 –15, –20
(Standard sizes)
–28
= 28 AWG
–28C
= 28 AWG Color
Coded Cable
(S1SS only)
–30
= 30 AWG
–30C
= 30 AWG Color
Coded Cable
(S1SS only)
–GF
= 3 µ"
(0.07 µm)
Gold on
contact and tail
–“XX.XX”
= Assembled
Length in Inches
(45.72 mm) 01.80" min.
(Required Callout)
–L
= Single Ended With Latch
–L1
= Double Ended Latch down,
straight (Pin 1 to Pin 1)
–L3
= Double Ended Latch up,
straight (Pin 1 to Pin N)
–S
= Single Ended No Latch
–D–NUS
= Double Ended No Latch,
“N” up, straight
–D–NDS
= Double Ended No Latch,
“N” down, straight
(1.00 mm) .0394" PITCH •  SINGLE ROW DISCRETE WIRE SOCKET
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?ISS1, samtec.com?CC09R & samtec.com?CC09M
SPECIFICATIONS
Insulator Material:
Nylon, White (with latch)
Black, LCP (without latch)
Contact Material:
Phosphor Bronze
Plating:
Au over 50 µ" (1.27 µm) Ni
Operating Temp Range
(S1SS(T)/T1M):
-10 °C to +85 °C (PVC)
-40 °C to +125 °C (Teflon®)
Current Rating (28 AWG):
2.7 A per pin (1 pin powered)
Voltage Rating:
250 VAC/353 VDC
Wire: 28 or 30 AWG
SERIES
- NO.OFPOSITIONS - LATCH
ISS1
= Single Row Body
–02, –03, –05,
–07, –10, –15, –20
(Leave blank for no latch)
–L
= Positive Latch
(5.00)
.197
(4.20)
.165
No. of positions
x (1.00) .03937
+ (3.00) .118
No. of positions
x (1.00) .03937
+ (1.20) .047
(2.10)
.083
No. of
positions x
(1.00) .03937
+ (3.00) .118
No. of
positions x
(1.00) .03937
+ (1.20) .047
Assembled
Length
±(3.18)
.125
No. of positions
x (1.00) .03937
+ (3.00) .118
(4.45)
.175
(5.00)
.197
Assembled
Length
±(3.18)
.125
No. of
positions x
(1.00) .03937
+ (1.20) .047
(2.80)
.110
NO LATCH
NO LATCH
LATCH (–L)
LATCH (–L)
MICRO
TM
samtec.com/MicroMate
S1SS CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
BLUE
7
VIOLET
8
GRAY
9
WHITE
10
BLACK
ETC
REPEAT
(9.01)
.355
(3.81)
.150
SERIES
- 01 - PLATING
CC09R
= Contact, Full Reel
(25,000 Parts per Reel)
CC09M
= Contact, Mini Reel
(5,000 Parts per Reel)
–GF
= 3 µ" (0.07 µm) Gold
contact and tail
View complete specifications at:
samtec.com?S1SS & samtec.com?S1SST
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
*DuPont™ Teflon® is a
registered trademark
of the E.I. du Pont de
Nemours and Company
or its affiliates.
Note:
Teflon® cable is intended
for crimp only. Contact
Samtec for solderable
cable applications.
TOOLING
Hand Tool: CAT-HT-309-2830-12
Mini Applicator: CAT-MC-309-2830-XX-01
Clamp for mounting hand tool: CAT-HT-MNT-01
S1SS(T)
Board Mates:
T1M
Cable Mates:
T1SS(T), T1PS(T)
F-221 (Rev 21JUL21)


Similar Part No. - S1SS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
1MM CABLE ASSEMBLY
S1SS-05-28-GF-20.00-S SAMTEC-S1SS-05-28-GF-20.00-S Datasheet
307Kb / 1P
(1.00 mm) .0394
Rev 21JUL21
More results

Similar Description - S1SS

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
LSMSS-7-S MAJOR-LEAGUE-LSMSS-7-S Datasheet
89Kb / 1P
.0394 cl Single Row - Straight Surface Mount Box Contact
TSHC-7-S MAJOR-LEAGUE-TSHC-7-S Datasheet
125Kb / 2P
.0394 cl Single Row - Straight Terminal Strip Header
logo
Samtec, Inc
S1SS-05-28-GF-20.00-S SAMTEC-S1SS-05-28-GF-20.00-S Datasheet
307Kb / 1P
(1.00 mm) .0394
Rev 21JUL21
T1M SAMTEC-T1M Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
CC09X-01-XX SAMTEC-CC09X-01-XX Datasheet
249Kb / 2P
1.00 MM PITCH S1SX CONTACT
11/3/2011
ISS1-XX-L SAMTEC-ISS1-XX-L Datasheet
121Kb / 1P
1.00 MM PITCH S1SX BODY
10/30/201
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
(4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com