Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1E10B09DPYR Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FPD1E10B09DPYR
Description  2-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FPD1E10B09DPYR Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FPD1E10B09DPYR Datasheet HTML 1Page - First Silicon Co., Ltd FPD1E10B09DPYR Datasheet HTML 2Page - First Silicon Co., Ltd FPD1E10B09DPYR Datasheet HTML 3Page - First Silicon Co., Ltd FPD1E10B09DPYR Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2022. 06. 24
Revision No : 0
2/4
Parameter
Symbol
Value
Unit
PeakPulse Power (8/20µs)
Ppk
100
W
PeakPulse Current(8/20µs)
Ipp
5
A
ESD per IEC61000-4-2 (Air)
ESD per IEC61000-4-2 (Contact)
VESD
±20
±20
kV
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
Tstg
-55 to +150
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
9
V
Breakdown Voltage
VBR
10
13.7
V
IT=1mA
Leakage Current
ILeak
100
nA
VIO =9V
Clamping Voltage
VC
13
V
IPP=1A,Tp=8/20μs
Clamping Voltage
VC
20
V
IPP=5A,Tp=8/20μs
Junction Capacitance
CJ
8
12
pF
VR=0V, f=1MHz,
FPD1E10B09DPYR
Absolute Maximum Ratings (TA=25°C unless otherwise specified )
Electrical Characteristics (TA=25°C unless otherwise specified )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com