Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB2014-BZXI Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # CYUSB2014-BZXI
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB2014-BZXI Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button CYUSB2014-BZXI Datasheet HTML 15Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 16Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 17Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 18Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 19Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 20Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 21Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 22Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Datasheet
19
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
Clocking
10
Clocking
FX3 allows either a crystal to be connected between the XTALIN and XTALOUT pins or an external clock to be
connected at the CLKIN pin. The XTALIN, XTALOUT, CLKIN, and CLKIN_32 pins can be left unconnected if they are
not used.
Crystal frequency supported is 19.2 MHz, while the external clock frequencies supported are 19.2, 26, 38.4, and
52 MHz.
FX3 has an on-chip oscillator circuit that uses an external 19.2-MHz (±100 ppm) crystal (when the crystal option
is used). An appropriate load capacitance is required with a crystal. Refer to the specification of the crystal used
to determine the appropriate load capacitance. The FSLC[2:0] pins must be configured appropriately to select
the crystal- or clock-frequency option. The configuration options are shown in Table 3.
Clock inputs to FX3 must meet the phase noise and jitter requirements specified in Table 4.
The input clock frequency is independent of the clock and data rate of the FX3 core or any of the device interfaces.
The internal PLL applies the appropriate clock multiply option depending on the input frequency.
Table 3
Crystal/clock frequency selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/clock frequency
0
0
0
19.2-MHz crystal
1
0
0
19.2-MHz input CLK
1
0
1
26-MHz input CLK
1
1
0
38.4-MHz input CLK
1
1
1
52-MHz input CLK
Table 4
FX3 input clock specifications
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–
–75
dB
1-kHz offset
–
–104
10-kHz offset
–
–120
100-kHz offset
–
–128
1-MHz offset
–
–130
Maximum frequency
deviation
–
–
150
ppm
Duty cycle
–
30
70
%
Overshoot
–
–
3
Undershoot
–
–
–3
Rise time/fall time
–
–
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com