Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS3A010170D Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FS3A010170D
Description  Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FS3A010170D Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FS3A010170D Datasheet HTML 1Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 2Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 3Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FS3A010170D
Package Dimensions
Package TO-247-2
Simplified Diode Model
Equivalent IV Curve for Model
Mathematical Equation
VF=Vt + IF×Rdiff
Vt = -0.0013×Tj + 0.9779 [V]
Rdiff = 1.9×10-6×Tj2 + 1.7×10-4×Tj + 0.0412 [Ω]
Note:
Tj = Diode Junction Temperature In Degrees Celsius,
valid from 25°C to 175°C
IF= Forward Current
Less than 20A
Symbol
Min. (mm)
Typ. (mm)
Max. (mm)
A
14.18
15.75
17.33
B
18.45
20.5
22.55
C
4.50
5.00
5.50
D
3.15
3.50
3.85
E
1.08
1.20
1.32
F
18.27
20.30
22.33
IF=f(VF)
2021. 11. 24
Revision No : 0
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com