Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z2V0 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MM5Z2V0
Description  Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MM5Z2V0 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MM5Z2V0 Datasheet HTML 1Page - First Silicon Co., Ltd MM5Z2V0 Datasheet HTML 2Page - First Silicon Co., Ltd MM5Z2V0 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
2021. 04. 08
2/3
Revision No : 0
MM5Z2V0 ~ MM5Z75
Type
Marking
Code
Zener Voltage 1)
Zener Impedance
Leakage Current
VZT
at lZT
ZZT
at lZT
ZZK
at IZK
IR
at VR
Min. (V)
Nom. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
MM5Z2V0
RD
1.8
2.0
2.15
5
100
5
-
-
120
0.5
MM5Z2V2
RE
2.08
2.2
2.33
5
100
5
-
-
120
0.7
MM5Z2V4
Z7
2.2
2.4
2.6
5
100
5
1000
1
120
1
MM5Z2V7
A8
2.5
2.7
2.9
5
100
5
1000
1
120
1
MM5Z3V0
B8
2.8
3.0
3.2
5
100
5
1000
1
50
1
MM5Z3V3
C8
3.1
3.3
3.5
5
95
5
1000
1
20
1
MM5Z3V6
D8
3.4
3.6
3.8
5
90
5
1000
1
10
1
MM5Z3V9
E8
3.7
3.9
4.1
5
90
5
1000
1
5
1
MM5Z4V3
F8
4
4.3
4.6
5
90
5
1000
1
5
1
MM5Z4V7
G8
4.4
4.7
5
5
80
5
800
1
2
1
MM5Z5V1
H8
4.8
5.1
5.4
5
60
5
500
1
2
1.5
MM5Z5V6
I8
5.2
5.6
6
5
40
5
200
1
1
2.5
MM5Z6V2
J8
5.8
6.2
6.6
5
10
5
100
1
1
3
MM5Z6V8
K8
6.4
6.8
7.2
5
15
5
160
1
0.5
3.5
MM5Z7V5
L8
7
7.5
7.9
5
15
5
160
1
0.5
4
MM5Z8V2
M8
7.7
8.2
8.7
5
15
5
160
1
0.5
5
MM5Z9V1
N8
8.5
9.1
9.6
5
15
5
160
1
0.5
6
MM5Z10
O8
9.4
10
10.6
5
20
5
160
1
0.1
7
MM5Z11
P8
10.4
11
11.6
5
20
5
160
1
0.1
8
MM5Z12
Q8
11.4
12
12.7
5
25
5
80
1
0.1
9
MM5Z13
R8
12.4
13
14.1
5
30
5
80
1
0.1
10
MM5Z15
S8
13.8
15
15.6
5
30
5
80
1
0.1
11
MM5Z16
T8
15.3
16
17.1
2
40
2
80
1
0.1
12
MM5Z18
U8
16.8
18
19.1
2
45
2
80
1
0.1
13
MM5Z20
V8
18.8
20
21.2
2
55
2
100
1
0.1
15
MM5Z22
W8
20.8
22
23.3
2
55
2
100
1
0.1
17
MM5Z24
X8
22.8
24
25.6
2
70
2
120
1
0.1
19
MM5Z27
Y8
25.1
27
28.9
2
80
2
300
1
0.1
21
MM5Z30
Z8
28
30
32
2
80
2
300
1
0.1
23
MM5Z33
A9
31
33
35
2
80
2
300
1
0.1
25
MM5Z36
B9
34
36
38
2
90
2
500
1
0.1
27
MM5Z39
C9
37
39
41
2
130
2
500
1
2
30
MM5Z43
D9
40
43
46
1
150
1
500
1
2
33
MM5Z47
E9
44
47
50
1
170
1
500
1
2
36
MM5Z51
F9
48
51
54
1
180
1
500
1
1
39
MM5Z56
G9
52
56
60
1
200
1
500
1
1
43
MM5Z62
H9
58
62
66
1
215
1
500
1
0.2
47
MM5Z68
I9
64
68
72
1
240
1
500
1
0.2
52
MM5Z75
J9
70
75
79
1
255
1
500
1
0.2
57
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com