Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCF16N65A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MPCF16N65A
Description  Zero Reverse Recovery Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPCF16N65A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MPCF16N65A Datasheet HTML 1Page - First Silicon Co., Ltd MPCF16N65A Datasheet HTML 2Page - First Silicon Co., Ltd MPCF16N65A Datasheet HTML 3Page - First Silicon Co., Ltd MPCF16N65A Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPCF16N65A
Revision No : 0
2/5
Electrical Characteristics TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Note
Min.
Typ.
Max.
Forward Voltage
VF
IF = 8A, TJ =25ºC
--
1.4
1.65
V
Fig.1
IF = 8A, TJ = 175ºC
--
1.7
2.3
Reverse Current
IR
VR = 650V, TJ = 25ºC
--
1
20
uA
Fig.2
VR = 650V, TJ = 175ºC
--
5
100
uA
Total Capacitance
C
VR = 0V, f=1 MHZ
--
520
--
pF
Fig.5
VR = 200V, f=1MHZ
--
50
--
VR = 400V, f=1MHZ
--
41
--
Total Capacitive charge
Qc
VDD = 650V, IF = 8A
di/dt = 200A/µs, TJ = 25℃
22
nC
Fig.4
Thermal Characteristics
Parameter
Symbol
Typ.
Unit
Note
Thermal Resistance from Junction to Case
RthJC
3
ºC/W
2021. 11. 22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com