Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCF6N65A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MPCF6N65A
Description  ZeroReverse Recovery Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPCF6N65A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MPCF6N65A Datasheet HTML 1Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 2Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 3Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 4Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MPCF6N65A
2021. 05. 20
1/5
Revision No : 0
 Zero Reverse Recovery Current
 Zero Forward Recovery Voltage
 Temperature
- independent Switching Behavior
 PositiveTemperature Coefficienton V
F
 High-speed switching possible
 High surgecurrent capability
Applications
 Switch ModePowerSupply(SMPS)
 Motor Drives
 Power Factor Correction (PFC)
Ordering Information
Ordering code
Marking
Package
MPCF6N65A
MPCF6N65A
TO-220F-2
Absolute Maximum Ratings (T
C = 25ºC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Value
Unit
Note
Repetitive Peak Reverse Voltage
V
RRM
650
V
Surge Peak Reverse Voltage
V
RSM
650
V
DC Blocking Voltage
V
DC
650
V
Continuous Forward Current
I
F
T
C = 25ºC
22
A
Fig.7
T
C = 150ºC
6
Non-Repetitive Forward Surge
Current
I
FSM
T
C = 25ºC,tp=8.3ms,
Half Sine Wave
60
A
Non-Repetitive Forward Surge
Current
I
F,Max
T
C = 25ºC, t p=10us, Pulse
500
A
Power Dissipation
P
tot
T
C = 25ºC
17
W
Fig.6
Operating Junction and Storage
Temperature
T
J, Tstg
-55~+175
ºC
1
2
1
2
TO-220F-2
Features


Similar Part No. - MPCF6N65A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
logo
ADL Embedded Solutions
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCF40-19 ADL-MPCF40-19 Datasheet
301Kb / 2P
MICROSPACE System
More results

Similar Description - MPCF6N65A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06-Y STMICROELECTRONICS-STTH5R06-Y Datasheet
142Kb / 9P
Low reverse recovery current
03-Nov-2011
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH50W03C STMICROELECTRONICS-STTH50W03C Datasheet
151Kb / 9P
Low reverse recovery current
August 2013 Rev1
STTH60W03C STMICROELECTRONICS-STTH60W03C Datasheet
179Kb / 8P
Low reverse recovery current
June 2012 Rev 1
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCK10N120A FS-MPCK10N120A Datasheet
329Kb / 5P
Zero Reverse Recovery Current
2021. 06. 03 Revision No : 0
MPCX8N65A FS-MPCX8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com