Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCF8N65A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MPCF8N65A
Description  Zero Reverse Recovery Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPCF8N65A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MPCF8N65A Datasheet HTML 1Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 2Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 3Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 4Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 5Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 6Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2021. 11. 30
Revision No : 0
1/7
MPCX8N65ASeries
Features
⚫
Zero Reverse Recovery Current
⚫
Zero Forward Recovery Voltage
⚫
Temperature-independent Switching Behavior
⚫
Positive Temperature Coefficient on VF
⚫
High-speed switching possible and surge currentcapability
Ordering Information
Type N0.
Marking
Package
MPCF8N65A
MPCF8N65A
TO-220F-2
MPCC8N65A
MPCC8N65A
TO-220-2
MPCD8N65A
MPCD8N65A
TO-252-2
Absolute Maximum Ratings TC = 25°C,unless otherwisenoted
Parameter
Symbol
Test Conditions
Value
Unit
Note
220F
220-252
Repetitive Peak Reverse Voltage
VRRM
650
V
Surge Peak Reverse Voltage
VRSM
650
V
DC Blocking Voltage
VDC
650
V
Continuous Forward Current
IF
TC = 25°C
21
A
Fig.7
TC = 150°C
8
Non-Repetitive Forward Surge
Current
IFSM
TC = 25°C,tp=8.3ms, Half
Sine Wave
70
A
Non-Repetitive Peak Forward
Current
IF,Max
TC = 25ºC, tp=10us, Pulse
364
A
Power Dissipation
Ptot
TC = 25°C
33
120
W
Fig.6
Operating Junction and Storage
Temperature
TJ, Tstg
-55~+175
Applications
⚫
Switch Mode Power Supply (SMPS)
⚫
Motor Drives
⚫
Power Factor Correction(PFC)
2
1
2
1
1 2
1
2
CASE
CASE
TO-220F-2
TO-220-2
TO-252-2
°C


Similar Part No. - MPCF8N65A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
logo
ADL Embedded Solutions
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCF40-19 ADL-MPCF40-19 Datasheet
301Kb / 2P
MICROSPACE System
More results

Similar Description - MPCF8N65A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
logo
IXYS Corporation
DCG45X1200NA IXYS-DCG45X1200NA Datasheet
1Mb / 6P
Ultra fast switching Zero reverse recovery
DCG85X1200NA IXYS-DCG85X1200NA Datasheet
1Mb / 6P
Ultra fast switching Zero reverse recovery
DCG100X1200NA IXYS-DCG100X1200NA Datasheet
1Mb / 6P
Ultra fast switching Zero reverse recovery
DCG130X1200NA IXYS-DCG130X1200NA Datasheet
1Mb / 6P
Ultra fast switching Zero reverse recovery
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCK10N120A FS-MPCK10N120A Datasheet
329Kb / 5P
Zero Reverse Recovery Current
2021. 06. 03 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com