Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9435 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 9435
Description  SOP-8 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

9435 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  9435 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 9435 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page
v1.0
3
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
0.0
2.5
5.0
7.5 10.0 12.5 15.0 17.5 20.0
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
02
468
10
0
5
10
15
20
-50
-25
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
012
345
0
5
10
15
20
Typical Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
Transfer Characteristics
-VGS - Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
Tj - Junction Temperature (°C)
On-Resistance vs. Drain Current
-VGS=4.5V
-ID - Drain Current (A)
-VGS=10V
-IDS=250
µA
Output Characteristics
-VDS - Drain-to-Source Voltage (V)
-VGS=4V
-VGS=5,6,7,8,9,10V
-VGS=3V
123456
789
10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (°C)
-VGS=10V
-ID=4.6A
-ID=4.6A
9435



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com