Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF050P03N Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF050P03N
Description  P -CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF050P03N Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF050P03N Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF050P03N Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF050P03N Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF050P03N Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF050P03N Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note:
① Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2% ;
② Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate;
●Thermal resistance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal resistance, junction - case
②
RthJC
-
-
4.5
°C/W
Thermal resistance, junction - ambient
RthJA
-
-
45
°C/W
Soldering temperature, wavesoldering for
8s
Tsold
-
-
265
°C
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Drain-Source Breakdown
Voltage
BVDSS
VGS =0V, ID =-250uA
-30
V
Gate Threshold Voltage
VGS(TH)
VGS =V DS, ID =-250uA
-1.00
-1.50
-2.00
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS =0V
-1.0
uA
Gate- Source Leakage Current
IGSS
VGS=±20V, VDS =0V
±100
nA
Static Drain-source On
Resistance
RDS(ON)
VGS=-10V, ID=-20A
4.3
5.5
mΩ
VGS=-4.5V, ID=-15A
5.7
7.0
mΩ
Forward Transconductance
gFS
VDS =-20V, ID=-20A
12
S
Source-drain voltage
VSD
Is=-20A
1.00
V
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Input capacitance
Ciss
f = 1MHz
VDD = -15V
VGS = 0V
-
4646
-
pF
Output capacitance
Coss
-
617.8
-
Reverse transfer capacitance
Crss
-
601.2
-
●Gate Charge characteristics(Ta = 25
℃)
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Total gate charge
Qg
VDD = -20V
ID = -20A
VGS = -10V
-
83.6
-
nC
Gate - Source charge
Qgs
-
18.7
-
Gate - Drain charge
Qgd
-
9.50
-
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
2
www.sztuofeng.com
Feb 2022 V1.0
0.85
Body Diode Reverse Recovery
Time
Trr
IF=10A,
di/dt=100A/µs
25
nS
Body Diode Reverse Recovery
Charge
Qrr
IF=10A,
di/dt=100A/µs
78
nC
TF050P03N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com