Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF20N06 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF20N06
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF20N06 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF20N06 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF20N06 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF20N06 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF20N06 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF20N06 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF20N06 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TF
20N06
N-Channel Enhancement Mode Power MOSFET
General Features
●
VDS =60V,ID =20A
RDS(ON) <35mΩ @ VGS=10V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
20
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
14
A
Pulsed Drain Current
IDM
60
A
Maximum Power Dissipation
PD
45
W
Derating factor
0.3
W/℃
Single pulse avalanche energy
(Note 5)
EAS
72
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Fe ,2018 V1.1
1
D
G
S
TO-252
20N06
TFYWCP
MARKING
Equivalent Circuit
Y :year code W :week code
G
S
D
RDS(ON) <40mΩ @ VGS= 4.5V
www.sztuofeng.com


Similar Part No. - TF20N06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF20N02 TUOFENG-TF20N02 Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Jan 2022 V1.0
TF20N03 TUOFENG-TF20N03 Datasheet
4Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Fe ,2018 V1.1
More results

Similar Description - TF20N06

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com