Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-C-28748/7/8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MIL-C-28748/7/8
Description  Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MIL-C-28748/7/8 Datasheet(HTML) 3 Page - Vishay Siliconix

  MIL-C-28748/7/8 Datasheet HTML 1Page - Vishay Siliconix MIL-C-28748/7/8 Datasheet HTML 2Page - Vishay Siliconix MIL-C-28748/7/8 Datasheet HTML 3Page - Vishay Siliconix MIL-C-28748/7/8 Datasheet HTML 4Page - Vishay Siliconix MIL-C-28748/7/8 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIL-C-28748/7/8
www.vishay.com
Vishay Dale
Revision: 18-Jul-17
3
Document Number: 36009
For technical questions, contact: connectors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PANEL CUTOUT in inches [millimeters]
NUMBER OF
CONTACTS
A
B
C
NUMBER OF
CONTACTS
AB
C
B (7)
0.210 [5.33]
0.562 [14.27] 0.440 [11.18]
F (34)
0.380 [9.65]
1.03 [26.16]
0.910 [23.11]
C (14)
0.270 [6.86]
0.625 [15.88] 0.500 [12.70]
G (44)
0.380 [9.65]
1.28 [32.51]
1.16 [29.46]
D (20)
0.270 [6.86]
0.814 [20.68] 0.690 [17.53]
H (50)
0.380 [9.65]
1.41 [35.81]
1.28 [32.51]
E (26)
0.270 [6.86]
1.0 [25.40]
0.870 [22.10]
ORDERING INFORMATION
A
C
B
0.093 [2.36]
0.050
[1.27]
R Typ.
CONNECTOR
HARDWARE
-
G5
PLATING
HARDWARE
OPTIONS
NUMBER OF
CONTACTS
22
CONTACT
SIZE
P
CONTACT
STYLE
MM
MODEL
C
CONTACTS
Microminiature
Closed entry socket contacts
B (7)
C (14)
D (20)
E (26)
F (34)
G (44)
H (50)
G5 = Gold (0.00005 thick)
over nickel
22 AWG = 0.030"
[0.762 mm] diameter
P = Pin
S = Socket
M28748/8 same as /7
M28748/7
00G1A =
slotted cres guides 0.078" [1.98 mm] diameter
00F1A = Chassis mounted fixed screwlocks
(2-56 thread)
00S1A = Cable mounted - turnable screwlocks (2-56 thread)
00E1A = Cable mounted - turnable screwlocks (2-56 thread)
with short knobs
Long
long



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com