Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331IDBV Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # LMV331IDBV
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LMV331IDBV Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button LMV331IDBV Datasheet HTML 3Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 4Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 5Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 6Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 7Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 8Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 9Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 10Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
User Manual
7 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Main features of EVAL-M3-IM564
2
Main features of EVAL-M3-IM564
EVAL-M3-IM564 is an evaluation board for motor drive applications with single-phase, integrated PFC and 3-
phase IPM. Combined in a kit with one of the available MADK control board options, it demonstrates Infineon’s
motion control IC and IPM technology for motor drives with single-phase PFC.
Main features of CIPOS™ Mini IPM IM564-X6D/IM564-X6DS include:
• 3 half bridges with TRENCHSTOP™ 20 A/600 V and antiparallel diodes for inverter section
• 20 A/600 V CoolMOS™ power MOSFETs and rapid switching emitter-controlled diodes for PFC section
• Lead-free terminal plating; RoHS compliant
• Very low thermal resistance due to DCB
• Rugged SOI gate driver technology with stability against transient and negative voltage
• Negative potential allowed up to VS =-11 V for single transmission at VBS=15 V
• Integrated bootstrap functionality
• Overcurrent shutdown
• Temperature monitor
• Undervoltage lockout at all channels
• Low side common emitter
• Cross conduction prevention
• All six switches turn off during protection
The evaluation board characteristics include:
• Input voltage 165~265 VAC
• Maximum 2800 W motor power output
• Power factor correction
• On board EMI filter
• Current sensing with single shunt
• Auxiliary power supply with 15 V, 3.3 V
• Overcurrent protection
• Overtemperature hardware protection
• Sensing of DC-link voltage
• Thermistor output
• Fault diagnostic output
• Measurement test points compatible with standard oscilloscope probes
• PCB is 148 mm × 165 mm and has two layers with 35 μm copper each
• RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com