| Electronic Components Datasheet Search |
|
MF-FSML260/6 Datasheet(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-FSML260/6 Datasheet(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 8 page ![]() MF-FSML/X Series - Low Ohmic PTC Resettable Fuses Specificationsaresubjecttochangewithoutnotice. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf. Solder Reflow Recommendations Temperature of Lead/Pad Junction Process Materials Temperature Time Description Interval 1. Apply solder paste to • Sn 96.5 / Ag 3.0 / Cu 0.5 Room temperature test board (8 - 10 mil thick) Alloy water soluble or no clean solder paste (see note 1) • single sided epoxy glass (G10) (UL approved) • PC board approx. 4x4x.06 in. 2. Place test units onto board 6 units/board 3. Ramp up Convection oven (see note 2) 2.5 °C ± 0.5 °/sec. 4. Preheat (TS . c e s 0 3 ± 0 9 C ° 0 9 1 o t C ° 0 5 1 ) 5. Time above liquidus (TL . c e s 0 9 - 0 6 C ° 0 2 2 ) 6. Peak temperature (TP ° 5 - / ° 0 + C ° 0 5 2 ) 10-20 sec. within 5 °C of peak . c e s / C ° 5 . 0 ± C ° 3 e r u t a r e p m e t m o o R n w o d p m a R . 7 (see note 2) 8. Cleaning water clean profile High pressure deionized 72 °F to 160 °F As required water 65 PSI max. (22 °C to 71 °C) Inspect solder joint to determine if solder joint is acceptable (i.e. exhibits wetting of joint’s surface). Use the following criteria (ref. acceptability of printed board assemblies, IPC-A-610): A) Acceptable (see Figure 1) (1) The solder connection wetting angle (solder to component and solder to PCB termination) does not exceed 90 °. (2) Solder balls that do not violate minimum electrical clearances and are attached (soldered) to a metal surface. B) Unacceptable (see Figure 2) (1) Solder connection wetting angle exceeding 90 °. (2) Incomplete reflow of solder paste. (3) Dewetting. If unacceptable, determine cause and correct prior to next run. NOTES: 1. Water soluble solder paste only above 100K. 2. Refer to ref. temperature profile. Temperature at lead/pad junction with “K” type thermocouple. 3. Units that are board mounted for environmental testing must see a peak temperature in the reflow zone, as specified. This is to ensure that all test units will see “worst case conditions”. 4. Ramp down rate to be measured from 245 °C to 150 °C. 5. Process Description 8 does not apply to open frame trimmers. (Derived using 6-zone Convection Oven) TP TP tp ts T TO RAMP-UP L TL t L 25 Ts max Ts min PREHEAT Time CRITICAL ZONE RAMP-DOWN t 25 °C TO PEAK Notes: • MF-FSML/X models are intended for reflow soldering (including, but not limited to heating plate, hot air, IR, nitrogen, and vapor phase). • Wave soldering is permissible only if the device is on the top of the PCB, opposite the heat source. • Hand soldering is not recommended for these devices. • All temperatures refer to the topside of the device, measured on the device body surface. • If reflow temperatures exceed the recommended profile, devices may not meet the published specifications. • Compatible with Pb and Pb-free solder reflow profiles. • Excess solder may cause a short circuit. • Please refer to the Multifuse® Polymer PTC Resettable Fuse Soldering Recommendations document for more details. Profile Feature Pb-Free Assembly Average Ramp-Up Rate (Tsmax to Tp) 3 °C / second max. PREHEAT: Temperature Min. (Tsmin) Temperature Max. (Tsmax) Time (Tsmin to Tsmax) (ts) 150 °C 200 °C 60~180 seconds TIME MAINTAINED ABOVE: Temperature (TL) Time (tL) 217 °C 60~150 seconds Peak Temperature (Tp) 260 °C Time within 5 °C of Actual Peak Temperature (tp) 20~40 seconds Ramp-Down Rate 6 °C / second max. Time 25 °C to Peak Temperature 8 minutes max. How to Order MF - FSML 050 / 6 - 2 Multifuse® Product Designator Series FSML = 0603 Low Ohmic Surface Mount Component Hold Current, Ihold 035 - 300 (0.35 Amps - 3.00 Amps) Maximum Voltage, Vmax 6 = 6 Volts 8 = 8 Volts Packaging -2 = Tape and Reel Packaged per EIA 481 Typical Part Marking No marking. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |