Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA20140 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA20140
Description  120 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA20140 Datasheet(HTML) 2 Page - Astec America, Inc

  AA20140 Datasheet HTML 1Page - Astec America, Inc AA20140 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
105
www.astec.com
SK1
SK2
1
3
GND
4.25"
(107.95)
7.00"
(177.80)
3.75"
(95.25)
6.50"
(165.10)
8.50"
(215.90)
Height is 1.6"
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation
2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load
1
P/P (PARD)
3
AA20140
+3.3 V
0 A
8 A
16 A
18 A
±2%
50 mV
+5 V
1 A
10 A
20 A
22 A
±3%
50 mV
+12 V
0.2 A
1 A
2 A
3 A
±5%
120 mV
-12 V
0 A
0.5 A
0.5 A
1 A
±10%
120 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. Minimum loads are required.
Connector
SK1
PIN 1
Neutral
PIN 3
Live
SK2
PIN 1-10
Common
PIN 11
+5 Sense
PIN 12
+3.3 V Sense
PIN 13
+12 V
PIN 14-17
5 V
PIN 18-22
3.3 V
PIN 23
Return Sense
PIN 24
-12 V
Mating Connectors
(SK1) AC Input:
Molex: 09-50-8031 (USA)
Molex: 09-91-03500 (UK)
PINS: 08-58-0111
(SK2) DC Output:
Molex: Right angle
39-30-1240 or
39-29-1248
or
Vertical
39-28-1243
Astec Connector Kit #70-841-013, includes all of the above.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance ±.02”.
3. Warranty: 1 year
4. Weight: 1.38 lb. / .63 kg
Pin Assignments
W9959_04_LP_099-133_35
2/8/02
4:15 PM
Page 105



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com