Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF90N03 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF90N03
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF90N03 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF90N03 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TF90N03
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
1
www.sztuofeng.com
Feb
2022 V1.0
●Ordering Information:
●Absolute Maximum Ratings
(T
C =25
℃
)
● General Description
The TF90N03 combines advanced trench
MOSFET technology with a low resistance package
to provide extremely low R
DS(ON)
.This device is ideal for
load switch and battery protection applications.
● Features
Advance high cell density Trench technology
Low RDS(ON) to minimize conductive loss
Low Gate Charge for fast switching
Low Thermal resistance
●Application
MB/VGA Vcore
SMPS 2nd Synchronous Rectifier
POL application
BLDC Motor driver
● Product Summary
VDS =30V
RDSON(10V typ) =3.4mΩ
RDSON(4.5V typ) =5.2mΩ
ID=90A
Part NO.
TF90N03
Marking 1
MOQ
TO-251:50/PCS TO-252:2500/PCS
D
G
S
90N03:TF90N03
Marking 2
TF:tuofeng; Y:year code; X:Week; AA:device code;
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID@TC=25
℃
90
A
ID@TC=75
℃
65
A
ID @TC=100
℃
58
A
Pulsed Drain Current ①
IDM
360
A
Total Power Dissipation
PD@TC=25
℃
90
W
Total Power Dissipation
PD@TA=25
℃
2.0
W
Operating Junction Temperature
T J
-55 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
Note:
① Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2% ;
TO-252
D
G
S
TO-251
G
D
S
90N03
TFYXAA
90N03
TFYXAA
D
D


Similar Part No. - TF90N03

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
TF900 AIM-TTI-TF900 Datasheet
4Mb / 14P
±200V & ±20V models Source Measure Units
More results

Similar Description - TF90N03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com