Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRG011ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STNRG011ATR Datasheet HTML 18Page - STMicroelectronics STNRG011ATR Datasheet HTML 19Page - STMicroelectronics STNRG011ATR Datasheet HTML 20Page - STMicroelectronics STNRG011ATR Datasheet HTML 21Page - STMicroelectronics STNRG011ATR Datasheet HTML 22Page - STMicroelectronics STNRG011ATR Datasheet HTML 23Page - STMicroelectronics STNRG011ATR Datasheet HTML 24Page - STMicroelectronics STNRG011ATR Datasheet HTML 25Page - STMicroelectronics STNRG011ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
In case of the LLC_AUX pin driven burst mode, two types of external burst mode could be defined:
•
Pure external burst mode: only the external BM comparator manages the burst mode entering / exiting;
•
Hybrid external burst mode: if the external BM comparator is high, the system stays out of burst mode while
if the external BM comparator is low, burst mode entering / exiting is managed by the LLC_FB pin settings.
In both external burst mode cases, the burst switching activity is anyway managed by the LLC_FB pin and the
burst comparator.
The PFC and LLC switching activities during the burst-mode are synchronized.
The LLC can perform a burst without the PFC, depending on the system conditions.
10.11
Communication and configuration
The device communicates with an external digital device through a serial interface.
The serial interface uses two dedicated pins with a standard UART protocol. It implements also an I2C protocol
for external E2PROM writing and reading.
The serial interface allows the user to:
•
write the NVM to configure the device in a specific application: 20 bytes are available.
•
write into the RAM for test and SW patch purpose
•
read the NVM content
•
read the RAM content
•
read register content
•
configure the device for specific tests
Based on a specific code into the NVM the serial interface functionality can be reduced for security reasons.
10.11.1
Monitor
Some internal data can be provided to an external digital device trough the UART interface for monitoring
purposes.
10.11.2
Black box
Black box data are written into the external E2PROM during the normal operation.
10.11.3
Patches
SW patches (if necessary) are uploaded by the device from the external E2PROM at the startup.
Maximum patch size is 2.5 kB.
STNRG011A
Communication and configuration
DS13973 - Rev 2
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com