Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO40 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEO40
Description  120Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO40 Datasheet(HTML) 1 Page - Astec America, Inc

  AEO40 Datasheet HTML 1Page - Astec America, Inc AEO40 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
Electrical Specs
120Watts
AEO/ALO40
High Efficiency
• 2.3” x 0.9” Industry Standard 8th brick outline
• Baseplate or Openframe construction
• Low Ripple and Noise
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Switching Frequency
• Industry Standard features: Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, Output
VoltageTrim, Differential Remote Sense
• Meets Basic Insulation
Environmental
Operating ambient temperature: -40°C to +85°C
Storage temperature: -55°C to +125°C
MTBF: > 1 million hours
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency1
3.3V @ 91% (typical)
Output
Line / Load Regulation
< 0.1% VO (typical)
Load Current
Up to 40A for Vo
1.8V
Ripple and Noise2
40mVPK-PK at 1.8VO (typical)
Transient Response
2% typical deviation
50% to 75% step load
20ms settling time (typical)
Over Voltage Protection
130% VO Typ (autorecovery)
Over Current Protection
120% IO,max Typ (autorecovery)
Over Temperature
110ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
Fixed Frequency
Isolation Voltage
1500Vdc
Control
Output Voltage Trim
±10% VO
Enable
TTL compatible
(Positive or Negative Logic)
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
Total Power:
120 Watts
Input Voltages:
48V
No. of Outputs:
Single


Similar Part No. - AEO40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEO40A48 ASTEC-AEO40A48 Datasheet
1Mb / 30P
AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
AEO40A48 EMERSON-NETWORKPOWER-AEO40A48 Datasheet
1Mb / 4P
66/120 Watts
logo
Astec America, Inc
AEO40A48-6 ASTEC-AEO40A48-6 Datasheet
1Mb / 30P
AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
AEO40A48-6 EMERSON-NETWORKPOWER-AEO40A48-6 Datasheet
1Mb / 4P
66/120 Watts
AEO40A48-6L EMERSON-NETWORKPOWER-AEO40A48-6L Datasheet
1Mb / 4P
66/120 Watts
More results

Similar Description - AEO40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6SL ASTEC-ALO10B48N-6SL Datasheet
155Kb / 2P
120Watts DC-DC Converter
logo
XP Power Limited
VEH120 XPPOWER-VEH120 Datasheet
382Kb / 2P
120Watts VEHSeries
logo
Qualtek Electronics Cor...
QDG-120 QUALTEK-QDG-120 Datasheet
438Kb / 3P
120Watts Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com