| Electronic Components Datasheet Search |
|
AM6421...ALV Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421...ALV Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 244 page ![]() Table 6-12. Trace Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] TRC_DATA8 O Trace Data 8 R16 TRC_DATA9 O Trace Data 9 W20 TRC_DATA10 O Trace Data 10 W21 TRC_DATA11 O Trace Data 11 V18 TRC_DATA12 O Trace Data 12 Y21 TRC_DATA13 O Trace Data 13 Y20 TRC_DATA14 O Trace Data 14 R17 TRC_DATA15 O Trace Data 15 P16 TRC_DATA16 O Trace Data 16 R18 TRC_DATA17 O Trace Data 17 T21 TRC_DATA18 O Trace Data 18 P17 TRC_DATA19 O Trace Data 19 T19 TRC_DATA20 O Trace Data 20 W19 TRC_DATA21 O Trace Data 21 Y18 TRC_DATA22 O Trace Data 22 N16 TRC_DATA23 O Trace Data 23 R19 6.3.6.2 MCU Domain Table 6-13. JTAG Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EMU0 IO Emulation Control 0 D10 EMU1 IO Emulation Control 1 E10 TCK I JTAG Test Clock Input B11 TDI I JTAG Test Data Input C11 TDO OZ JTAG Test Data Output A12 TMS I JTAG Test Mode Select Input C12 TRSTn I JTAG Reset D11 6.3.7 EPWM 6.3.7.1 MAIN Domain Table 6-14. EPWM Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM_SOCA O EHRPWM Start of Conversion A C17 EHRPWM_SOCB O EHRPWM Start of Conversion B D17 EHRPWM_TZn_IN0 I EHRPWM Trip Zone Input 0 (active low) T18 EHRPWM_TZn_IN1 I EHRPWM Trip Zone Input 1 (active low) V21 EHRPWM_TZn_IN2 I EHRPWM Trip Zone Input 2 (active low) R16, R20 EHRPWM_TZn_IN3 I EHRPWM Trip Zone Input 3 (active low) P16 EHRPWM_TZn_IN4 I EHRPWM Trip Zone Input 4 (active low) P17, P19 EHRPWM_TZn_IN5 I EHRPWM Trip Zone Input 5 (active low) R21, Y18 Table 6-15. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] EHRPWM0_A IO EHRPWM Output A U20 EHRPWM0_B IO EHRPWM Output B U18 AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 64 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |