| Electronic Components Datasheet Search |
|
AM6421...ALV Datasheet(PDF) 172 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421...ALV Datasheet(HTML) 172 Page - Texas Instruments |
|
172 / 244 page ![]() SPI_CS[i] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (OUT) SPI_CS[i] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (OUT) Bit n-1 Bit n-2 Bit n-3 Bit n-4 Bit 0 Bit n-1 Bit n-2 Bit n-3 Bit 1 Bit 0 PHA=0 EPOL=1 POL=0 POL=1 POL=0 POL=1 PHA=1 EPOL=1 SS6 SS3 SS1 SS3 SS1 SS3 SS1 SS2 SS1 SS6 SS6 SS8 SS9 SS7 SS8 SS2 SS3 SS2 SS2 SS6 SS6 SS6 SS9 SPRSP08_TIMING_McSPI_03 Figure 7-58. SPI Slave Mode Transmit Timing 7.10.5.12 MMCSD The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC), Secure Digital (SD), and Secure Digital IO (SDIO) devices. The MMCSD Host Controller deals with MMC/SD/SDIO protocol at transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking for syntactical correctness. For more details about MMCSD interfaces, see the corresponding MMC0 and MMC1 subsections within Signal Descriptions and Detailed Description sections. Note Some operating modes require software configuration of the MMC DLL delay settings, as shown in Table 7-67 and Table 7-76. The modes which show a value of "Tuning" in the ITAPDLYSEL column of Table 7-67 and Table 7-76 require a tuning algorithm to be used for optimizing input timing. Refer to the MMCSD Programming Guide in the device TRM for more information on the tuning algorithm and configuration of input delays required to optimize input timing. AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 172 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |