Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2432BSDFHIALVR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM2432BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432BSDFHIALVR Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM2432BSDFHIALVR Datasheet HTML 55Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 56Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 57Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 58Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 59Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 60Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 61Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 62Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
J13
G17, H17 VDDA_ADC
VDDA_ADC
PWR
K12
H14
VDDA_MCU
VDDA_MCU
PWR
N12
N12
VDDA_PLL0
VDDA_PLL0
PWR
H9
G9
VDDA_PLL1
VDDA_PLL1
PWR
J11
G12
VDDA_PLL2
VDDA_PLL2
PWR
G11
G11
VDDA_TEMP0
VDDA_TEMP0
PWR
L11
M11
VDDA_TEMP1
VDDA_TEMP1
PWR
L10, M13
G5, G6,
J10, J12,
P14, P8,
R10
VDDR_CORE
VDDR_CORE
PWR
F11, G12,
G14
C13,
D13, E14
VDDSHV0
VDDSHV0
PWR
M7, N6,
P7
L6, M6,
P5, P6
VDDSHV1
VDDSHV1
PWR
R10, R8,
T9
T11, T8,
U11, U7,
U8
VDDSHV2
VDDSHV2
PWR
P14, P15 R17, T17 VDDSHV3
VDDSHV3
PWR
M14, M15 N16, N17 VDDSHV4
VDDSHV4
PWR
L14, L15
L16, L17 VDDSHV5
VDDSHV5
PWR
F9, G10,
G8
E7, E8,
E9
VDDSHV_MCU
VDDSHV_MCU
PWR
F7, G6,
H7, J6,
K7, L6
VDDS_DDR
VDDS_DDR
PWR
J8
VDDS_DDR_C
VDDS_DDR_C
PWR
K14
VDDS_MMC0
VDDS_MMC0
PWR
H13
F18
VDDS_OSC
VDDS_OSC
PWR
J10, J12,
K11, K9,
L12, L8,
M11, M9,
N10, N8,
P9
F11, G10,
H15, H8,
J9, K11,
K14, L13,
L9, M14,
M8, N10,
N9, R12,
R13, R9
VDD_CORE
VDD_CORE
PWR
H14
VDD_DLL_MMC0
VDD_DLL_MMC0
PWR
K13
VDD_MMC0
VDD_MMC0
PWR
K16
VMON_1P8_MCU
VMON_1P8_MCU
A
E12
F14
VMON_1P8_SOC
VMON_1P8_SOC
A
F13
VMON_3P3_MCU
VMON_3P3_MCU
A
F14
E15
VMON_3P3_SOC
VMON_3P3_SOC
A
K10
G13
VMON_VSYS
VMON_VSYS
A
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com