| Electronic Components Datasheet Search |
|
AM2434...ALV Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2434...ALV Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 280 page ![]() Table 6-23. EPWM2 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM2_A IO EPWM Output A V19 U18 EPWM2_B IO EPWM Output B T17 U20 Table 6-24. EPWM3 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM3_A IO EPWM Output A V18 Y19 EPWM3_B IO EPWM Output B Y21 Y18 EPWM3_SYNCI I Sync Input to EPWM module from an external pin Y20 AA19 EPWM3_SYNCO (1) O Sync Output to EPWM module to an external pin R17 (1) The EPWM3_SYNCO signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-25. EPWM4 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM4_A IO EPWM Output A R18 EPWM4_B IO EPWM Output B T21 (1) The EPWM4 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-26. EPWM5 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM5_A IO EPWM Output A T19 P21 EPWM5_B (1) IO EPWM Output B W19 (1) The EPWM5_B signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-27. EPWM6 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM6_A IO EPWM Output A B14, N16 EPWM6_B IO EPWM Output B A15, N17 EPWM6_SYNCI I Sync Input to EPWM module from an external pin C14, R19 EPWM6_SYNCO O Sync Output to EPWM module to an external pin B15, R20 (1) The EPWM6 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-28. EPWM7 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM7_A IO EPWM Output A P17, P5, W20 D1, W20 EPWM7_B IO EPWM Output B R2, W21, Y18 F3, Y20 Table 6-29. EPWM8 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EPWM8_A IO EPWM Output A V1, V21 K4, U19 EPWM8_B IO EPWM Output B R16, W1 G2, V20 AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 80 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |