Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2434...ALV Datasheet(PDF) 116 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 112Page - Texas Instruments AM2434...ALV Datasheet HTML 113Page - Texas Instruments AM2434...ALV Datasheet HTML 114Page - Texas Instruments AM2434...ALV Datasheet HTML 115Page - Texas Instruments AM2434...ALV Datasheet HTML 116Page - Texas Instruments AM2434...ALV Datasheet HTML 117Page - Texas Instruments AM2434...ALV Datasheet HTML 118Page - Texas Instruments AM2434...ALV Datasheet HTML 119Page - Texas Instruments AM2434...ALV Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 280 page
background image
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
Latch-up performance
I-Test(9)
-100
+100
mA
Over-Voltage (OV) Test(10)
1.5 x VDD(8)
V
TSTG
Storage temperature(11)
-55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions, but within the Absolute Maximum Ratings, the device may not be fully
functional, and may affect device reliability, performance, functionality, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
The absolute maximum ratings for these fail-safe pins depends on their IO supply operating voltage. Therefore, this value is also
defined by the maximum VIH value found in the I2C Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics section, where
the electrical characteristics table has separate parameter values for 1.8-V mode and 3.3-V mode.
(4)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see the System Power Supply
Monitor Design Guidelines.
(5)
This parameter applies to all IO pins which are not fail-safe and the requirement applies to all values of IO supply voltage. For
example, if the voltage applied to a specific IO supply is 0 volts the valid input voltage range for any IO powered by that supply will be
–0.3 to +0.3 volts. Special attention should be applied anytime peripheral devices are not powered from the same power sources used
to power the respective IO supply. It is important the attached peripheral never sources a voltage outside the valid input voltage range,
including power supply ramp-up and ramp-down sequences.
(6)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see the USB VBUS Design
Guidelines.
(7)
The USB0_ID pin is connected to analog circuits in the USB0 PHY. The analog circuits source a known current while measuring
voltage, to determine the resistance value (RID), if connected to VSS through a resistor. This pin should be connected to VSS for USB
host operation, or left unconnected for USB device operation, and should never be connected to any external voltage source.
(8)
VDD is the voltage on the corresponding power-supply pin(s) for the IO.
(9)
For current pulse injection (I-Test):
Pins stressed per JEDEC JESD78 (Class II) and passed with specified I/O pin injection current and clamp voltage of 1.5 times
maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
(10) For over-voltage performance (Over-Voltage (OV) Test):
Supplies stressed per JEDEC JESD78 (Class II) and passed specified voltage injection.
(11) For tape and reel the storage temperature range is [–10°C; +50°C] with a maximum relative humidity of 70%. TI recommends returning
to ambient room temperature before usage.
Fail-safe IO terminals are designed without any dependencies on the respective IO power supply voltage. This
allows external voltage sources to be connected to these IO terminals when the respective IO power supplies
are turned off.
MCU_I2C0_SCL, MCU_I2C0_SDA, I2C0_SCL, I2C0_SDA, EXTINTn, VMON_1P8_MCU, VMON_1P8_SOC,
VMON_3P3_MCU, VMON_3P3_SOC, and MCU_PORz are the only fail-safe IO terminals. All other IO terminals
are not fail-safe and the voltage applied to them should be limited to the value defined by the Steady state max
voltage at all IO pins parameter in Section 7.1.
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 7-1. IO Transient Voltage Range
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
116
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com