Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2434...ALV Datasheet(PDF) 129 Page - Texas Instruments

Part # AM2434...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434...ALV Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM2434...ALV Datasheet HTML 125Page - Texas Instruments AM2434...ALV Datasheet HTML 126Page - Texas Instruments AM2434...ALV Datasheet HTML 127Page - Texas Instruments AM2434...ALV Datasheet HTML 128Page - Texas Instruments AM2434...ALV Datasheet HTML 129Page - Texas Instruments AM2434...ALV Datasheet HTML 130Page - Texas Instruments AM2434...ALV Datasheet HTML 131Page - Texas Instruments AM2434...ALV Datasheet HTML 132Page - Texas Instruments AM2434...ALV Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 280 page
background image
7.9 Thermal Resistance Characteristics
For operation and reliability concerns, the maximum junction temperature of the device must be equal to or less
than the TJ value identified in Recommended Operating Conditions.
7.9.1 Thermal Resistance Characteristics
Table 7-2. Thermal Resistance Characteristics
TI recommends performing system level thermal simulations with worst case device power consumption.
NO.
PARAMETER(1)
DESCRIPTION
°C/W(2)
AIR FLOW
(m/s)(3)
ALV Package
T1
JC
Junction-to-case
0.98
N/A
T2
JB
Junction-to-board
3.87
N/A
T3
JA
Junction-to-free air
12.8
0
T4
JA
Junction-to-moving air
9.2
1
T5
8.2
2
T6
7.6
3
T7
ΨJT
Junction-to-package top
0.53
0
T8
0.55
1
T9
0.57
2
T10
0.58
3
T11
ΨJB
Junction-to-board
3.74
0
T12
3.5
1
T13
3.4
2
T14
3.3
3
ALX Package
T1
JC
Junction-to-case
4.8
N/A
T2
JB
Junction-to-board
5.4
N/A
T3
JA
Junction-to-free air
19.8
0
T4
JA
Junction-to-moving air
14.1
1
T5
13
2
T6
12.3
3
T7
ΨJT
Junction-to-package top
0.06
0
T8
0.16
1
T9
0.21
2
T10
0.25
3
T11
ΨJB
Junction-to-board
5.3
0
T12
4.95
1
T13
4.88
2
T14
4.83
3
(1)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC defined 1S0P system) and is subject to change based on environment as well as application. For more information, see the
EIA/JEDEC standards.
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2)
°C/W = degrees Celsius per watt.
(3)
m/s = meters per second.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com