| Electronic Components Datasheet Search |
|
AM2432...ALV Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432...ALV Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 280 page ![]() 4 Revision History Changes from March 15, 2022 to August 29, 2022 (from Revision C (March 2022) to Revision D (August 2022)) Page • Removed support claims for USB 3.1 SuperSpeed Host Mode......................................................................... 1 • (Features; Functional Safety-compliant): Updated the "Hardware integrity up to SIL 2 targeted" bullet to remove "for MCU domain" since the new compliance target includes both MCU and MAIN domains...............1 • (Description): Updated/Changed the "Device Information" table title to now "Package Information"................. 4 • General text cleanup for readability and reference. Including two footnotes that were filtered weird. This topic is only used by AM243x......................................................................................................................................5 • (Functional Block Diagram): Clarified FSITX and FSIRX instance count........................................................... 5 • (Functional Block Diagram): Added note regarding AM243x SW Build Sheet................................................... 5 • (Functional Block Diagram): Updated PRU_ICSSG block to include ECAP and PWM functionality..................5 • (Functional Block Diagram): Updated 2-Port Gb Ethernet to 3-Port Gb Ethernet and added descriptive footnote...............................................................................................................................................................5 • (Device Comparison): Merged common rows. Removed Speed Grade K option from AM2431_ALV. Added Speed Grade K option to AM2432_ALX and AM2431_ALX.............................................................................12 • (Device Comparison): Added a clarification Note that the device feature codes are defined in the Device Naming Convention section..............................................................................................................................12 • (Related Products): Added Sitara™ microcontrollers and related links.............................................................14 • (ALV FCBGA-N441 Pin Diagram): Changed definition of pin J15 from VDDS_MMC0 (MMC0 PHY IO supply) to ADC0_REFP (ADC0 Positive Voltage Reference)....................................................................................... 15 • (ALV FCBGA-N441 Pin Diagram): Changed definition of pin J16 from VSS (Ground) to ADC0_REFN (ADC0 Negative Voltage Reference)............................................................................................................................15 • (Pin Attributes Header List): Added "OD" signal type and direction................................................................. 17 • (EQEP Signal Descriptions): Added EQEP debounce footnotes......................................................................20 • (Pin Attributes - ALV Pin J16): VSS (Ground) replaced with ADC0_REFN (ADC0 Negative Voltage Reference)........................................................................................................................................................ 20 • (Pin Attributes - Pin F18): Removed the "PU/PD" value from the "PULL UP/DOWN TYPE" column since this pin does not have internal pulls........................................................................................................................ 20 • (GPIO Signal Descriptions): Added note regarding GPIO signals implemented with I2C OD FS voltage buffers and updated associated signal types from IO to IOD....................................................................................... 20 • (Pin Attributes - ALV Pins A18 B18 - ALX Pins B16 B15 ): Removed UART6_RTS and UART6_CTS. Signals are implemented with I2C OD FS voltage buffers and do not meet timing requirements.................................20 • (Pin Attributes - Pins C19, A18, B18, E9, and A10): Changed the "PULL" value in the "BALL STATE DURING RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns from "Off" to "NA" to help clarify the I2C Open-drain Fail-safe (I2C OD FS) buffer type does not having internal pulls........................... 20 • (Pin Attributes - Pin G18, J21, G19, K20, J20, J18, J17, H17, H19, H18, G17): Defined values in the "BALL STATE DURING RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns for each MMC0 pin......................................................................................................................................................... 20 • (MMC0 Signal Descriptions): Added MMC0_CALPAD footnote regarding external resistor requirements...... 20 • (Pin Attributes - ALV Pin J15): VDDS_MMC0 (MMC0 PHY IO supply) replaced with ADC0_REFP (ADC0 Positive Voltage Reference)............................................................................................................................. 20 • (Pin Attributes - ALV Pin N21 - ALX Pin M21): BALL STATE AFTER RESET RX/TX/PULL value for the OSPI0_LBCLKO pin was changed from “On / Off / Off” to “Off / Off / Off” to represent a change implemented in SR2.0 devices...............................................................................................................................................20 • (MDIO Signal Descriptions): Moved MDIO Signal Descriptions table to CPSW section.................................. 20 • (Signal Descriptions): Added DDR0_CALPAD footnote regarding external resistor requirements.................. 20 • (Pin Attributes): Resolved error preventing some ALV package power pins from populating in associated tables................................................................................................................................................................ 20 • (EPWM Signal Descriptions): Updated EHRPWM to EPWM in text descriptions............................................ 20 • (GPIO Signal Descriptions): Added GPIO debounce footnotes........................................................................20 www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |