Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM2432...ALX Datasheet(PDF) 8 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 8 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 4Page - Texas Instruments XAM2432...ALX Datasheet HTML 5Page - Texas Instruments XAM2432...ALX Datasheet HTML 6Page - Texas Instruments XAM2432...ALX Datasheet HTML 7Page - Texas Instruments XAM2432...ALX Datasheet HTML 8Page - Texas Instruments XAM2432...ALX Datasheet HTML 9Page - Texas Instruments XAM2432...ALX Datasheet HTML 10Page - Texas Instruments XAM2432...ALX Datasheet HTML 11Page - Texas Instruments XAM2432...ALX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 280 page
background image
• (Pin Attributes - ALV Pins D10 E10 - ALX Pins C5 B3): DSIS values for the EMU[1:0] pins were defined to be
“1”. ................................................................................................................................................................... 20
• (USB Signal Descriptions): Added USB0_RCALIB 7.2mW maximum power dissipation and updated
calibration resistor value from 500 Ω ±1% to 499 Ω ±1%................................................................................. 20
• (Pin Attributes - ALV Pins C20 D19 - ALX Pins C16 B17): DSIS values for the MMC1_SDCD and
MCC1_SDWP pins were changed from “1” to “0”. ..........................................................................................20
• (Signal Description Header List): Added "OD" signal type and direction..........................................................71
• (ADC0 Signal Descriptions): Added the ADC0_REFP and ADC0_REFN signals and included a note that
describes connectivity expectations for these analog inputs............................................................................ 71
• (ADC0 Signal Descriptions): Added a note and note references to identify each GPI with a debounce function
..........................................................................................................................................................................71
• (ADC0 Signal Descriptions): Added a note that clarifies ADC0_AIN[7:0] inputs only have hysterisis when
ADC0 is configured to operate in GPI mode ....................................................................................................71
• (ADC0 Signal Descriptions): Added a note that clarifies connectivity expectations for unused ADC0_AIN[7:0]
inputs................................................................................................................................................................ 71
• (GPIO1 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function............................................................................................................................................................. 71
• (GPIO1 Signal Descriptions): Changed the PIN TYPE value of GPIO1_64, GPIO1_65, and GPIO1_70 from
"IO" to "IOD" since the IOs associated with these signals have an open-drain output.....................................71
• (MCU_GPIO0 Signal Descriptions): Added a note and note references to identify each GPIO with debounce
function............................................................................................................................................................. 71
• (MCU_GPIO0 Signal Descriptions): Changed the PIN TYPE value of MCU_GPIO1_18 and MCU_GPIO1_19
from "IO" to "IOD" since the IO associated with these signals have an open-drain output...............................71
• (Power Supply Signal Descriptions): Removed J15 from the list of VDDS_MMC0 pins and K16 from the list of
VSS pins........................................................................................................................................................... 71
• (UART6 Signal Descriptions): Removed pin A18 from the list of UART6_CTSn pins and removed pin B18
from the list of UART6_RTSn pins....................................................................................................................71
• (USB0 Signal Descriptions): Update the calibration resistor value in the note to a standard 1% value and
defined the maximum power dissipation expected for this resistor.................................................................. 71
• (Pin Connectivity Requirements): Included VMON connectivity requirements............................................... 109
• (Pin Connectivity Requirements): Included ADC0_REFP and ADC0_REFN connectivity requirements when
ADC0 is not used............................................................................................................................................109
• (Pin Connectivity Requirements): Deleted pin J15 from the row associated with VDDS_MMC0................... 109
• (Absolute Maximum Ratings): Defined remaining TBD values....................................................................... 115
• (Absolute Maximum Ratings): Changed MCU_PORz maximum value from 2.2 V to 3.63 V......................... 115
• (Absolute Maximum Ratings): Changed all 2.2 V maximum values to 1.98 V................................................115
• (Absolute Maximum Ratings): Changed all 3.8 V maximum values to 3.63 V................................................115
• (Absolute Maximum Ratings): Updated the "Operation outside the Absolute Maximum Ratings may cause …"
disclaimer footnote..........................................................................................................................................115
• (Absolute Maximum Ratings): Added USB0_ID and associated note to define its absolute maximum ratings....
115
• Added VMON_VSYS to the paragraph that is describing Fail-safe IO terminals............................................115
• (ESD Ratings): Replaced TBD values with tested values...............................................................................117
• (Power-On Hours (POH)): Added Estimated Lifetime POH table and associated app note links...................118
• (Power-On Hours (POH)): Adding POH details for Extended Industrial temperature range...........................118
• (Recommended Operating Conditions): Adding row for VDDS_MMC0 and USB0_ID...................................119
• Updated TJ to include Extended Industrial operating junction temperature range..........................................119
• (I2C OD FS Electrical Characteristics): Added a note to explain the IOL parameter.......................................122
• (I2C OD FS Electrical Characteristics): Defined maximum VIH values for 1.8-V mode and 3.3-V mode and
included a note that describes how these values also define the absolute maximum input voltage. Removed
the typical Input Leakage Current value and several TBD values which were not applicable........................122
• (I2C OD FS Electrical Characteristics): Removed the typical Input Leakage Current value and several TBD
values which were not applicable................................................................................................................... 122
• (I2C OD FS Electrical Characteristics): Defined the minimum input slew rate value and added notes to
describe this parameter.................................................................................................................................. 122
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com