Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNPT3/8 Datasheet(PDF) 1 Page - Alpha Wire

Part # MNPT3/8
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

MNPT3/8 Datasheet(HTML) 1 Page - Alpha Wire

  MNPT3/8 Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: MNPT3/8-MNPT1
Issue:
1
Spec Number: MNPT
Issue Date:
02/27/2018
Page 1 of 1 Pages
Effective Date:
02/27/2018
Although Alpha Wire ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of
or in connection with the use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-
52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
NPT 3/8"
4,0-8,0
0.157-0.315
11,5
0.453
17,14
0.673
17
0.669
19
0.748
21,0
0.827
23,0
0.906
MNPT3/8
NPT 1/2"
6,0-12,0
0.236-0.472
13,0
0.512
21,34
0.839
22
0.866
22
0.866
24,5
0.965
25,5
1.004
MNPT1/2
NPT 3/4"
13,0-18,0
0.512-0.709
13,0
0.512
26,67
1.051
30
1.181
30
1.181
33,0
1.299
35,5
1.398
MNPT3/4
NPT 1"
18,0-25,0
0.709-0.984
13,0
0.512
33,40
1.315
40
1.575
43
1.693
48,5
1.909
43,0
1.693
MNPT1
Outer Ø
D
m m
inch
Max. Height
H
m m
inch
Part Num ber
Size
Clam ping Range
Ø m in-m ax
m m
inch
Thread Length
TL
m m
inch
Thread Ø
TD
m m
inch
Spanner Width
SW CAP
SW BODY
m m
Inch
m m
Inch
A. Technical Details
1) Material
a) Body
Brass, Nickel plated
b) Cap
Brass, Nickel plated
c)
Seal
CR (Chloroprene Rubber)
d) Clamping Insert
PA 6 (Polyamide 6)
e) O-Ring
NBR
2) Protection Class
a) IP 68
5 Bar, 30 min
b) IP 66
3) Flammability
a) V2
(According to UL94)
4) Temperature Rating
a) Permanent
-20°C to +100°C
b) Intermittent
-40°C to +150°C
5) Approvals
a) UL
UL 514
B. Packaging Requirements
1) Standard Package
10 glands per package


Similar Part No. - MNPT3/8

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
MNPT3/8 ALPHAWIRE-MNPT3/8 Datasheet
381Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
More results

Similar Description - MNPT3/8

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com