Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12103C104MAZ2A Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # 12103C104MAZ2A
Description  MLCC with FLEXITERM®
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

12103C104MAZ2A Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  12103C104MAZ2A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
65
MLCC with FLEXITERM®
Specifications and Test Methods
BEYOND 1000 CYCLES: TEMPERATURE CYCLE TEST RESULTS
10
8
6
4
2
0
0
500 1000 1500
0603
2000 2500 3000
10
8
6
4
2
0
0
500 1000 1500
1206
2000 2500 3000
10
8
6
4
2
0
0
500 1000 1500
0805
2000 2500 3000
10
8
6
4
2
0
0
500 1000 1500
1210
2000 2500 3000
Soft Term - No Defects up to 3000 cycles
AEC-Q200 specification states
1000 cycles compared to AVX
3000 temperature cycles.
FLEXITERM® TEST SUMMARY
• Qualified to AEC-Q200 test/specification with the exception of
using AVX 3000 temperature cycles (up to +150°C bend test
guaranteed greater than 5mm).
• FLEXITERM® provides improved performance compared to
standard termination systems.
• Board bend test improvement by a factor of 2 to 4 times.
• Temperature Cycling:
– 0% Failure up to 3000 cycles
– No ESR change up to 3000 cycle
WITHOUT SOFT TERMINATION
WITH SOFT TERMINATION
Major fear is of latent board flex failures.
Far superior mechanical performance.
Generally open failure mode beyond
5mm flexure
061120
Green = Soft Term MLCC (Flexiterm)
Red = Standard MLCC
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com