Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS56SLS Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # SS56SLS
Description  SCHOTTKY BARRIE R RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

SS56SLS Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  SS56SLS Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. SS56SLS Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. SS56SLS Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SCHOTTKY BARRIER RECTIFIER
SS56SLS
VOLTAGE RANGE: 60 V
CURRENT: 5.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
SMAF
Dimensions in inches and (millimeters)
0.063(1.6 )
0.051(1.3)
5
°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0.3)
0.004(0.1)
0.047(1.2)
0.028(0.6)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,low forward voltage drop
High surge capability
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2011/65/EU
Pb
RoHS
COMPLIAN
T
Case: SMAF molded plastic body
Terminals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Maximum repetitive peak reverse voltage
VRRM
V
A
A
IF(AV)
IFSM
Tstg
TJ
Maximum average forward rectified current
(see fig.1)
Operating junction temperature range
Storage temperature range
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method at rated TL)
5.0
120
-55 to+150
-55 to+150
℃
℃
60
Symbol
Unit
Value
Parameter
Parameter
Test Conditions
Symbol
TYP.
MAX.
Unit
Instaneous forward voltage
IF=5.0A
TA=25℃
Reverse current
VR=60V
TA=25℃
TA=100℃
VF
IR
0.33
V
60
150
μ
A
mA
5
Typical junction capacitance
4V,1MHz
CJ
pF
1)
2)
TA=125℃
0.46
0.40
-
15
370
TA=125℃
IF=3.0A
0.24
0.35
0.44
-
-
-
-
IF=1.0A
IF=3.0A
IF=1.0A
IF=5.0A
0.52
-
-
Parameter
Typical thermal resistance
R JA
R JL
150
28.0
℃
/W
Symbol
Unit
SMAF
3)
3.P.C.B. mounted with 0.118" x 0.118" (3.0 mm x 3.0 mm) copper pad areas(≥40μm thick)
Notes: 1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
www.diode.co.kr


Similar Part No. - SS56SLS

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SS56SLS JINGHENG-SS56SLS Datasheet
501Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS56SLS

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LL5817 SAMYANG-LL5817 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
LS22 SAMYANG-LS22 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SM5817 SAMYANG-SM5817 Datasheet
802Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32T SAMYANG-SS32T Datasheet
956Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54AF SAMYANG-SS54AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54BF SAMYANG-SS54BF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54L SAMYANG-SS54L Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54T SAMYANG-SS54T Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS56AF SAMYANG-SS56AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com