Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ2R103C04R00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PVZ2R103C04R00
Description  Ultra-small and thin external dimensions of 2.1(W)x4.8(L)x0.9 max. (T)mm.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PVZ2R103C04R00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PVZ2R103C04R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PVZ2R103C04R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PVZ2R103C04R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PVZ2R103C04R00
Note: This datasheet may be out of date.
Please download the latest datasheet of PVZ2R103C04R00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PVZ2R103C04R00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated09/05/2022
Specifications
Power Rating
0.05W
Shape
SMD
Maximum Working Voltage
50Vdc
Adjustment Direction
Rear
Size
2mm
Auto Adjustment
Yes
Number of Turns (Effective
Rotation Angle)
1(240°±10°)
Mechanical Rotation Angle
Endless
Total Resistance Value
10kΩ
Total Resistance Value
 
Tolerance
±30%
Temperature Coefficient of
Resistance
±500ppm/
℃
Resistance Taper
B (Linear)
Contact Resistance Variation
5% max. of nominal total
resistance value
Residual Resistance
2% max. of nominal total
resistance value
Soldering Method
Soldering Iron,Reflow
Torque
1.0 to 9.8mN
・m
Measure Condition of
RatedPower
50
℃
Operating Temperature
Range
85
℃ to -25℃
Mass
0.013g
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com