Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL60A Datasheet(PDF) 2 Page - Astec America, Inc

Part # AL60A
Description  120 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AL60A Datasheet(HTML) 2 Page - Astec America, Inc

  AL60A Datasheet HTML 1Page - Astec America, Inc AL60A Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Model Number
Input
Output
Output
Model Number
Voltage
Voltage
Current
Voltage
Voltage
Current
300V
2.0V
20A
AL60A-300L-020F20
48V
2.2V
30A
AL60A-048L-022F30
300V
3.3V
25A
AL60A-300L-033F25
48V
3.3V
25A
AL60A-048L-033F25
300V
5V
20A
AL60A-300L-050F20
48V
5V
10A
AL60A-048L-050F10
300V
12V
9A
AL60A-300L-120F09
48V
5V
20A
AL60A-048L-050F20
300V
15V
8A
AL60A-300L-150F08
48V
12V
6A
AL60A-048L-120F06
300V
24V
3A
AL60A-300L-240F03
48V
12V
9A
AL60A-048L-120F09
48V
15V
8A
AL60A-048L-150F08
Please contact Astec for information on other output voltages, power ranges and configurations.
Pin Assignments
Input
Output
Control Pins
31. +ve
22. +ve
1. +SENSE
32. –ve
23. +ve
2. TEMP MON
27. -ve
3. C MON
28. -ve
4. C SHARE
5. CLK IN
6. V ADJ
7. ENABLE
8. –SENSE
Secondary
side
controls
BASE PLATE*
(CONNECT TO PROTECTIVE EARTH)
2 INPUT PINS
¿1.52 (0.060)
±0.05 (0.002)
8 CONTROL PINS
¿0.64, 2.54 grid ±0.05
(¿0.025, 0.1 grid ±0.002)
6 OUTPUT PINS
¿1.52 (0.060)
±0.05 (0.002)
58.42 (2.30)
8
1
28
27
23
22
32
31
48.26 (1.900)
15.24
(0.600)
Notes:
1. All dimensions in mm and (inches)
2. Baseplate must be connected to protective earth
3. General tolerance: .X ±0.5 (0.02)
.XX ±0.25 (0.010)
4. Surface Flatness: Concave 0.12mm max
Convex 0.38mm max
¿3.81 (0.150)
R3.8 (0.15)
typ
5
4
Load
+ SENSE
– SENSE
+ O/P
– O/P
36 to 72V
or
180 to 400V
+ I/P
– I/P
5
4
1
8
Output voltage adjust
Enable (close to enable)
Temperature monitor output
Current monitor output
(e.g. to fan control circuit)
(e.g. to load indicator)
51
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com