Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACUSB-D1 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # PACUSB-D1
Description  USB Downstream Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D1 Datasheet(HTML) 7 Page - California Micro Devices Corp

  PACUSB-D1 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
7
PACUSB-D1/D2/D3
Application Information
The PACUSB-D1/D2/D3 provides a complete interface
for a single downstream USB port typically found in
computers and USB hubs. It integrates the series
resistors (R1) and the 15k
Ω pull-down resistors (R2)
for both USB data lines (D+ and D-) as well as the
capacitors to ground for EMI suppression. Zener
diodes provide ESD protection up to 15kV contact dis-
charge per the IEC 61000-4-2 standard and protect the
USB controller on both data lines.
The PACUSB-D1/D2/D3 should be placed on the PCB
between the USB controller and the USB connector, as
shown on the Connection Diagram Figure 5.
Figure 5. Connection Diagram for PACUSB-D1/D2/D3 Devices
To guarantee the best ESD and filtering performance,
it is recommended to physically locate the PACUSB-
D1/D2/D3 close to the USB connector. Also, the trace
lengths between the PACUSB-D1/D2/D3 and the USB
controller should be kept as short as possible.
DOWN-
USB
USB
CONTROLLER
PACUSB-DnY5/Y5R, -DnYB5/YB5R
C1
C1
R1
R1
R2
R2
D+
D-
D+
D-
STREAM
CONNECTOR
2
1
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com