Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ25 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ25
Description  25 Amps,20 Amps,8.33 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ25 Datasheet HTML 1Page - Astec America, Inc ALQ25 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power:100W(5V,12V);62.5W(2.5V);82.5W(3.3V)
Input Voltage :48V
No.of Outputs:Single output
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency (Typ)
90% (5V,12V);
88%(2.5V);89.5%(3V)
Output
Voltage Tolerance
(line, load, temp)
<1.9%
• High efficiency(Typ) :90% (5V,12V);
Ripple&Noise
120mV Max.
88%(2.5V); 89.5%(3V)
Transient Response
• -40°C to +70°C Ambient Air Operation
• Industry standard package
2.28" x 1.45" x 0.5"(baseplated)
2.28" x1.45"x 0.4"(open frame)
Overvoltage Protection
(Hiccup)
3V to 3.8V(2.5V)
• High capacitive load limit on start-up
3.9V to 5V(3.3V)
14.4V to 18V(12V)
• Basic insulation
Current Limit(Hiccup)
>22A (5V)
• Regulation to zero load
>9.2A(12V)
>27A(2.5V,3.3V)
Overtemperature Protection Auto-recovery
Ambient air operating temperature range:
Switching Frequency
300k
-40°C to +70°C
Overtemperature protection: 115°C typ
Control
MTBF: > 2 million hours
Trim range(%)
80 to 110
Enable
Positive & negative enable options
Thermal Derating
UL,CSA,EN
1 North America (USA): 1-888-41-ASTEC
Europe(UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
(di/dt =1A/µs,output cap = 1000µF aluminium
electrolyte)
The module can deliver up to full power at 55°C ambient, Vin: 48V,with
200LFM forced air(output to input).
25 Amps,20 Amps,8.33 Amps
Environmental
High Efficiency Quarter Brick
Special Features
ALQ25 Series
Safety
Electrical Specs
Load change 25% of Io max from 50%Io max
,<200mv,<400µs
6V to 7.5V (5V)


Similar Part No. - ALQ25

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
Delivers up to 25 A output current
logo
Astec America, Inc
ALQ25A48 ASTEC-ALQ25A48 Datasheet
97Kb / 2P
40 Amps
ALQ25A48 ASTEC-ALQ25A48 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Emerson Network Power
ALQ25A48 EMERSON-NETWORKPOWER-ALQ25A48 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ25A48-7 ASTEC-ALQ25A48-7 Datasheet
542Kb / 15P
Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
More results

Similar Description - ALQ25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
logo
Taiwan Semiconductor Co...
MBR25100CT TSC-MBR25100CT Datasheet
1Mb / 2P
25 AMPS. Schottky Barrier Rectifiers
logo
Astec America, Inc
ALD25 ASTEC-ALD25 Datasheet
328Kb / 2P
25 Amps
ALO25 ASTEC-ALO25 Datasheet
165Kb / 2P
25 Amps
logo
Hammond Manufacturing L...
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
Ratings - 125 VAC, 20 Amps
logo
Naina Semiconductor ltd...
NPT25 NAINA-NPT25 Datasheet
159Kb / 2P
Press Fit Triac, 25 Amps
NTT27A NAINA-NTT27A Datasheet
162Kb / 2P
Thyristor-Thyristor Module, 25 Amps
NTD27A NAINA-NTD27A Datasheet
171Kb / 3P
Thyristor-Diode Module, 25 Amps
NTD27 NAINA-NTD27 Datasheet
219Kb / 3P
Thyristor-Diode Module, 25 Amps
NTT27 NAINA-NTT27 Datasheet
206Kb / 2P
Thyristor-Thyristor Module, 25 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com