Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402YA104F4U4A Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # 0402YA104F4U4A
Description  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

0402YA104F4U4A Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  0402YA104F4U4A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 0402YA104F4U4A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 0402YA104F4U4A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 0402YA104F4U4A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 0402YA104F4U4A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
58
Automotive MLCC - X8R
Capacitance Range
SIZE
0603
0805
1206
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
WVDC
WVDC
25V
50V
100V
25V
50V
100V
25V
50V
472
pF
4700
G
G
G
J
J
J
J
J
562
5600
G
G
G
J
J
J
J
J
682
6800
G
G
G
J
J
J
J
J
822
8200
G
G
G
J
J
J
J
J
103
uF
0.01
G
G
G
J
J
J
J
J
123
0.012
G
G
J
J
N
J
J
153
0.015
G
G
J
J
N
J
J
183
0.018
G
G
J
J
N
J
J
223
0.022
G
G
J
J
N
J
J
273
0.027
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
393
0.039
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
563
0.056
G
N
N
M
M
683
0.068
G
N
N
M
M
823
0.082
N
N
M
M
104
0.1
N
N
M
M
124
0.12
N
N
M
M
154
0.15
N
N
M
M
184
0.18
N
M
M
224
0.22
N
M
M
274
0.27
M
M
334
0.33
M
M
394
0.39
M
M
474
0.47
M
Q
684
0.68
Q
Q
824
0.82
Q
Q
105
1
Q
Q
WVDC
WVDC
25V
50V
100V
25V
50V
100V
25V
50V
SIZE
0603
0805
1206
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
TDS-SMDMLCC-0005 | Rev 1
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com