Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023F104F4U4A Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # 04023F104F4U4A
Description  Automotive MLCC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

04023F104F4U4A Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  04023F104F4U4A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 04023F104F4U4A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 04023F104F4U4A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 04023F104F4U4A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 04023F104F4U4A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
57
Automotive MLCC - X7R
Capacitance Range
Size
0402
0603
0805
1206
1210
1812
2220
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
(L)
Length
mm
(in.)
1 ± 0.1
(0.04 ± 0.004)
1.6 ± 0.15
(0.063 ± 0.006)
2.01 ± 0.2
(0.079 ± 0.008)
3.2 ± 0.2
(0.126 ± 0.008)
3.2 ± 0.2
(0.126 ± 0.008)
4.5 ± 0.3
(0.177 ± 0.012)
5.7 ± 0.5
(0.224 ± 0.02)
(W)
Width
mm
(in.)
0.5 ± 0.1
(0.02 ± 0.004)
0.81 ± 0.15
(0.032 ± 0.006)
1.25 ± 0.2
(0.049 ± 0.008)
1.6 ± 0.2
(0.063 ± 0.008)
2.5 ± 0.2
(0.098 ± 0.008)
3.2 ± 0.2
(0.126 ± 0.008)
5 ± 0.4
(0.197 ± 0.016)
(t)
Terminal
mm
(in.)
0.25 ± 0.15
(0.01 ± 0.006)
0.35 ± 0.15
(0.014 ± 0.006)
0.5 ± 0.25
(0.02 ± 0.01)
0.5 ± 0.25
(0.02 ± 0.01)
0.5 ± 0.25
(0.02 ± 0.01)
0.61 ± 0.36
(0.024 ± 0.014)
0.64 ± 0.39
(0.025 ± 0.015)
WVDC
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V 200V 250V
50V
100V
25V 50V 100V 200V 250V 500V
101
100
M
Q
221
220
C
C
C
G
G
G
G
G
G
M
Q
271
270
C
C
C
G
G
G
G
G
G
M
Q
331
330
C
C
C
G
G
G
G
G
G
M
Q
391
390
C
C
C
G
G
G
G
G
G
M
Q
471
470
C
C
C
G
G
G
G
G
G
M
Q
561
560
C
C
C
G
G
G
G
G
G
M
Q
681
680
C
C
C
G
G
G
G
G
G
M
Q
821
820
C
C
C
G
G
G
G
G
G
M
Q
102
1000
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
122
1220
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
152
1500
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
182
1800
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
222
2200
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
272
2700
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
332
3300
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
392
3900
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
472
4700
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
562
5600
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
682
6800
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
822
8200
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
103
Cap 0.01
C
C
C
G
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
123
(uF) 0.012
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
153
0.015
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
183
0.018
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
M
Q
K
K
223
0.022
C
G
G
G
G
G
J
J
J
N
N
N
J
J
J
J
Q
Q
K
K
K
K
M
Q
K
K
273
0.027
C
G
G
G
G
J
J
J
J
N
N
N
J
J
J
J
Q
Q
K
K
K
K
M
Q
K
K
333
0.033
C
G
G
G
G
J
J
J
J
N
N
N
J
J
J
J
Q
Q
K
K
K
K
M
Q
K
K
393
0.039
G
G
G
G
J
J
J
J
N
N
N
J
J
J
J
Q
Q
K
K
K
K
M
Q
K
K
473
0.047
G
G
G
G
J
J
J
J
N
N
N
J
J
J
M
Q
Q
K
K
K
K
M
Q
K
K
563
0.056
G
G
G
G
J
J
J
J
N
J
J
J
M
Q
Q
K
K
K
M
M
Q
K
K
683
0.068
G
G
G
G
J
J
J
J
N
J
J
J
M
Q
Q
K
K
K
M
M
Q
K
K
823
0.082
G
G
G
G
J
J
J
J
N
J
J
J
M
Q
Q
K
K
K
M
Q
Q
K
K
104
0.1
G
G
G
G
J
J
J
J
N
J
J
J
M
Q
Q
K
K
K
M
Q
Q
K
K
X
124
0.12
G
J
J
J
J
N
N
J
J
M
M
Q
Q
K
K
K
P
Q
Q
K
K
154
0.15
G
J
J
M
N
N
N
J
J
M
M
Q
Q
K
K
K
P
Q
Q
K
K
224
0.22
G
J
J
M
N
N
N
J
M
M
Q
Q
Q
M
M
M
P
Q
Q
M
M
334
0.33
N
N
N
N
J
M
P
Q
P
P
P
Q
Z
Z
X
X
474
0.47
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
684
0.68
N
N
N
N
M
Q
Q
Q
P
P
Q
X
X
X
105
1
N
N
N
N
M
Q
Q
Q
P
Q
Q
Z
X
X
Z
Z
X
X
155
1.5
N
N
N
Q
Q
Q
Q
P
Q
Z
Z
X
X
Z
Z
Z
Z
225
2.2
N
N
N
Q
Q
Q
Q
Z
Z
Z
Z
Z
Z
Z
Z
335
3.3
Q
Q
Q
X
Z
Z
Z
Z
Z
Z
475
4.7
Q
Q
Q
X
Z
Z
Z
Z
Z
Z
106
10
Z
Z
Z
Z
Z
Z
Z
226
22
Z
WVDC
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V 200V 250V
50V
100V
25V 50V 100V 200V 250V 500V
Size
0402
0603
0805
1206
1210
1812
2220
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.04)
1.27
(0.05)
1.40
(0.055)
1.52
(0.060)
1.78
(0.07)
2.29
(0.09)
2.54
(0.1)
2.79
(0.11)
PAPER
EMBOSSED
TDS-SMDMLCC-0005 | Rev 1
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com