Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08F08 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APC08F08
Description  30 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F08 Datasheet(HTML) 1 Page - Astec America, Inc

  APC08F08 Datasheet HTML 1Page - Astec America, Inc APC08F08 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
30 Watts
• Point of load (POL) applications
• High efficiency, 3.3V@93%
• -40°C to +85°C Ambient operating
temperature
• Open Frame SMT
• Positive enable function
• Low output ripple and noise
• Regulation to zero load
• Adjustable Output through external resistor
programming
• Fixed frequency switching (400 kHz)
Input
Input range
1.8-6.0VDC and 5.0-13.0VDC
Input Surge
08 Device: 14V
03 Device: 7V
Efficiency
93%@3.3V
Control
Enable
TTL compatible
(positive enable option)
Output
Regulation
(Line, Load, Temp)
<3%
Ripple and noise
100mV (5V and 6V)
75mV (2.5V and 3.3V)
50mV (below 2.5V)
Output voltage
adjust range
08 Device: 0.9V to 6.2V
03 Device: 0.9V to 3.6V
Transient Response
5% max deviation with
50% to 75% full load
500 µS (max) recovery
Specifications subject to change without notice.
Operating temperature
-40°C to +85°C
Storage temperature: -55°C to +125°C
Demonstrated MTBF: > 2.3 Million Hours
UL, cUL 60950 Recognized
TUV
EN60950 Licensed
Environmental
Total Power:
30W
Input Voltages:
1.8V - 13V
No. of Outputs:
Single
Safety
APC08 (8 Amp)


Similar Part No. - APC08F08

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08F08 ASTEC-APC08F08 Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
APC08F08-9 ASTEC-APC08F08-9 Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
APC08F08-9MA ASTEC-APC08F08-9MA Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
APC08F08-J ASTEC-APC08F08-J Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
APC08F08-W ASTEC-APC08F08-W Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
More results

Similar Description - APC08F08

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
30 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
30 Watts Embedded Power
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
30 Watts
logo
Power Mate Technology C...
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
30 WATTS OUTPUT POWER
logo
Bothhand USA, LP.
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
30 Watts Switching Adapter
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
30 Watts RDC Series
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ_15 Datasheet
671Kb / 4P
POWER 30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
30 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com