Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12G08 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC12G08
Description  40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12G08 Datasheet(HTML) 2 Page - Astec America, Inc

  APC12G08 Datasheet HTML 1Page - Astec America, Inc APC12G08 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
Optional Pins:
PGood - Power Good Logic Signal
P - Active Current Share Pin
Trim - Trim Pin (0.9 to 3.6V)
Notes:
1. 20 MHz bandwidth. External 56 uF (ESR < 75mohm) for 03 device
and 100uF (ESR < 40mohm) for 08 device across Vout and Gnd.
2. Meet FCC class A and ETS300-386-1 requirements for conducted
noise. Consult Factory for filtering information to meet FCC class
B,
VDE or EIC specifications.
3. All specifications are typical at nominal line, full load, and 25°C
unless otherwise noted.
4. All specifications subject to change without notice. Mechanical
drawings are for reference only
5. Technical Reference Notes should be consulted for detailed
information
6. Warranty: 1yr
Input
Output
Efficiency
Model
Voltage
Voltage
Full Load
Number
1.8V-6.0V
0.9V @ 12A
76% (Typ)1
APC12J03
1.8V-6.0V
1.2V @ 12A
81% (Typ
APC12K03
1.8V-6.0V
1.5V @ 12A
86% (Typ)
APC12M03
1.8V-6.0V
1.8V @ 12A
87% (Typ)
APC12Y03
1.8V-6.0V
2.5V @ 12A
90% (Typ)
APC12G03
1-8V-6.0V
3.3V @ 12A
92% (Typ)
APC12F03
1-8V-6.0V
0.9V @ 12A
76% (Typ)
APC12J03-93
5.0V-13.0V
0.9V @ 12A
73% (Typ)
APC12J08
5.0V-13.0V
1.2V @ 12A
77% (Typ)
APC12K08
5.0V-13.0V
1.5V @ 12A
81% (Typ)
APC12M08
5.0V-13.0V
1.8V @ 12A
82% (Typ)
APC12Y08
5.0V-13.0V
2.5V @ 12A
87% (Typ)
APC12G08
5.0V-13.0V
3.3V @ 12A
90% (Typ)
APC12F08
5.0V-13.0V
0.9V @ 12A
74% (Typ)
APC12J08-93
Note:
1. Typical Efficiency is measured at full load, mid range input, and Tc=25 Deg C
2. “-9MA” (suffix) - Output Trim, PGood and Parallel Options available on all modules
3. “-9” (suffix) - Output Trim option available on 0.9V version.
Top View of Board
Mechanical Dimensions
Pad Layout
REVC: JANUARY 03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com