Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO_SETUP Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 11Page - Omron Electronics LLC IO_SETUP Datasheet HTML 12Page - Omron Electronics LLC IO_SETUP Datasheet HTML 13Page - Omron Electronics LLC IO_SETUP Datasheet HTML 14Page - Omron Electronics LLC IO_SETUP Datasheet HTML 15Page - Omron Electronics LLC IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC IO_SETUP Datasheet HTML 17Page - Omron Electronics LLC IO_SETUP Datasheet HTML 18Page - Omron Electronics LLC IO_SETUP Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
15
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.5 I²C Protocol
(1) I²C Slave Address
The 2SMPB-02 module I²C slave address is shown below.
SDO
I²C Slave
Address (7bits)
Bit
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Add[6]
Add[5]
Add[4]
Add[3]
Add[2]
Add[1]
Add[0]
R/W
High(1)
56h+R/W
Value
1
0
1
0
1
1
0
1/0
Low(0)
70h+R/W
Value
1
1
1
0
0
0
0
1/0
For example, in case of SDO=Low (0),
Write Access :
Please set LSB of slave address as “0”, then the address is E0h(1110_0000b). (70h<<1+WR(0))
Read Access :
Please set LSB of slave address as “1”, then the address is E1h(1110_0001b). (70h<<1+RD(1))
(2) I²C Access Protocol Examples
Symbol
・
START
: START condition
・
STOP
: STOP condition
・
Re-START
: Re-START condition for Read
・
SACK
: Acknowledge by Slave
・
MACK
: Acknowledge by Master
・
MNACK: Not Acknowledge by Master
(3) Register Write Access Protocol
After the START condition, a Device Address is sent. This address is seven bits long followed by an eighth bit which is a
data direction bit.
A ‘zero’ indicates a transmission “WRITE”. After that, the register address and the writing data shall be
one set and it should be continuously transmitted until a STOP condition. A data transfer is always terminated by a STOP
condition generated by the master.
※Black characters : Master
→ Slave / Blue characters : Slave → Master
(4) Register Read Access Protocol
After a START condition, the Device Address with WRITE sign
(“0”) and Word Address intended to read a fir
st data are transmitted. Next,
“STOP–START” or “Re-START” condition are transmitted by the master. After th
at, Device Address with READ sign (
“1”) is transmitted by the master. Then, the slave will output the first dat
a that is intended to read. In case of incrementing Register Address automatically, the slave will output the d
ata repeatedly until NACK is input by the master. If Register Address becomes "0xFF", please continue to out
put "0xFF." Below example shows 3 bytes reading method from "0xFA" register.
SCL
7
6
5
4
3
2
1
0
SDA
Start
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
DeviceAddress
0
ACK
Register Address
ACK
ACK
・・・
Register Address
ACK
Write Data
ACK
・・・
Write Data
ACK
Stop
SCL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
SDA
Start
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Start
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
DeviceAddress
0
ACK
Register Address"0xFA"
ACK
DeviceAddress
1
ACK
Read Data of "0xFA"
ACK
Stop
Read Data of "0xFB"
ACK
Read Data of "0xFC"
NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com