Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRL_MEAS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # CTRL_MEAS
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 9Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 10Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 11Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 12Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 13Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 14Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 15Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 16Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
13
Copyright 2017 OMRON Corporation. All Rights Reserved.
IO_SETUP : IO SETUP Register
bit7~5
t_stanby[2:0] : Standby time setting
000
001
010
011
100
101
110
111
1ms
5ms
50ms
250ms
500ms
1s
2s
4s
bit3~4
Reserved : keep these bits at 0
bit2
spi3_sdim : Select output type of SDI terminal
0 : Lo / Hi-Z output
1 : Lo / Hi output
bit1
Reserved : keep this bit at 0
bit0
spi3w : Change mode between SPI 4-wire and SPI 3-wire
0 : 4-wire (Default)
1 : 3-wire
CTRL_MEAS : Measurement Condition Control Register
bit7,6,5 temp_average[2:0]
Averaging times setting for Temperature measurement (skip means no measurement.)
000
001
010
011
100
101
110
111
skip
1
2
4
8
16
32
64
bit4,3,2 press_average[2:0]
Averaging times setting for Pressure measurement(skip means no measurement.)
000
001
010
011
100
101
110
111
skip
1
2
4
8
16
32
64
bit1,0
power_mode[1:0]
Operation mode setting
00
: Sleep mode
01,10
: Forced mode
11
: Normal mode
DEVICE_STAT : Device Status Register
bit7~4 Reserved : keep these bits at 0
bit3
measure
Device operation status. This value automatically changes.
0:
Finish a measurement -- waiting for next measurement
1:
On a measurement -- waiting for finishing the data store
bit2,1
Reserved : keep these bits at 0
bit0
otp_update
The status of OTP data access. This value automatically changes.
0:
No accessing OTP data
1:
While accessing OTP data
I²C_SET : Master code setting
bit7~3
Reserved : keep these bits at 0
bit2,1,0
master code[2:0]
Master code setting at I²C high-speed mode.
000
001
010
011
100
101
110
111
0x08
0x09
0x0A
0x0B
0x0C
0x0D
0x0E
0x0F
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xF5
0x75
8bits
R/W
-
-
spi3_sdim
-
spi3w
0x00
IO_SETUP
Register Name
t_stanby[2:0]
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xF4
0x74
8bits
R/W
0x00
Register Name
CTRL_MEAS
temp_average[2:0]
press_average[2:0]
power_mode[1:0]
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xF3
0x73
8bits
R
-
-
-
-
measure
-
-
otp_update 0x00
Register Name
DEVICE_STAT
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xF2
0x72
8bits
R/W
-
-
-
-
-
0x01
master_code[2:0]
Register Name
I²C_SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com