Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML012ECTT86 Datasheet(PDF) 4 Page - Rohm

Part # SML012ECTT86
Description  SML012x/013x Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECTT86 Datasheet(HTML) 4 Page - Rohm

  SML012ECTT86 Datasheet HTML 1Page - Rohm SML012ECTT86 Datasheet HTML 2Page - Rohm SML012ECTT86 Datasheet HTML 3Page - Rohm SML012ECTT86 Datasheet HTML 4Page - Rohm SML012ECTT86 Datasheet HTML 5Page - Rohm SML012ECTT86 Datasheet HTML 6Page - Rohm SML012ECTT86 Datasheet HTML 7Page - Rohm SML012ECTT86 Datasheet HTML 8Page - Rohm SML012ECTT86 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML012x/013x series]
Green(E)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
3.6~5.6 5.6~9.0
9~14
14~22
22~36
36~56
56~90 90~140 140~220 220~360 360~560 560~900 900~1400 1400~2200 2200~3600
Blue(B)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
3.6~5.6 5.6~9.0
9~14
14~22
22~36
36~56
56~90 90~140 140~220 220~360 360~560 560~900 900~1400 1400~2200 2200~3600
SML012ENT
Rank
Iv (mcd)
Rank
Iv (mcd)
SML013BNT
________________________________________________________
www.rohm.co.jp
©2021 ROHM Co., Ltd. All rights reserved
4/9
2021.12 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com