Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB30216D Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI5USB30216D
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216D Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI5USB30216D Datasheet HTML 2Page - Diodes Incorporated PI5USB30216D Datasheet HTML 3Page - Diodes Incorporated PI5USB30216D Datasheet HTML 4Page - Diodes Incorporated PI5USB30216D Datasheet HTML 5Page - Diodes Incorporated PI5USB30216D Datasheet HTML 6Page - Diodes Incorporated PI5USB30216D Datasheet HTML 7Page - Diodes Incorporated PI5USB30216D Datasheet HTML 8Page - Diodes Incorporated PI5USB30216D Datasheet HTML 9Page - Diodes Incorporated PI5USB30216D Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
6
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
Maximum Ratings
StorageTemperature...................................................................................-65oCto+150oC
SupplyVoltagefromBattery/Baseband......................................................-0.5Vto+6.0V
IDPinSinkcurrent............................................................................................................10mA
ESD:HBMallpins.........................................................................................................2000V
Recommended Operation Conditions
Symbol
Parameter
Min.
Max.
Units
VDD
Battery Supply Voltage
2.7
5.5
V
VBUS
System VBUS Voltage
4
28
V
VBAT_TH
Battery Supply Under-Voltage Lockout Threshold
2.2
2.6
V
VIH
High level input voltage (EN, SCL, SDA)
1.05
-
V
VIL
Low level input voltage (EN, SCL, SDA)
-
0.4
V
V3IH
High level input voltage (ADDR, PORT)
VDD-0.4
-
V
V3IL
Low level input voltage (ADDR, PORT)
-
0.4
V
VVBUSDET
VBUSDET input voltage(1)
-
4.5V
V
VTYPEC_CC
CC1, CC2 input voltage(2)
-
VDD+0.5
V
VTYPEC_VCONN
CC1, CC2 input voltage when it is used for VCONN
5.5
V
TA
Operating Temperature
-40
85
°C
(1) VBUSDET pin is internally clamp to ~5.5V.
(2) CC1, CC2 pins are internally clamp to ~VDD+1.0V except when the pin is used for VCONN during attached.SRC state
DC Electrical Characteristics
Min and Max apply for TA between -40°C to 85°C and TJ up to +125°C (unless otherwise noted).
Typical values are referenced to VDD=3.6V, TA=+25°C
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Units
CC1/CC2 Configuration(Device mode, SNK)
Rd
Device mode pull-down resistor
4.6
5.1
5.6
kΩ
VTH3_SNK High current mode entry threshold
1.16
1.23
1.31
V
VTH2_SNK Medium current mode entry threshold
0.61
0.66
0.70
V
VTH1_SNK Default current mode entry threshold
0.15
0.2
0.25
V
CC1/CC2 Configuration(Host mode, SRC)
Ip
Host mode pull up current source
Default current mode
64
80
96
µA
Medium current mode (1.5A)
166
180
194
High current mode (3A)
304
330
356
VBUS Detection
VVBUS
VBUS detection threshold
RVBUS=910kohm
2.51
3.01
4.01
V
RVBUS
External resistor between VBUS and
VBUSDET pin
865
910
955
kΩ
Host Interface Pins (INTB, ID, OUT1, OUT2, OUT3)
VOL
Output Low Voltage at
1.6 mA Sink current(Open-Drain)
0
-
0.4
V
IOFF
Off-state leakage current
VINTB.ID/ID/OUT1/OUT2/OUT3
-
-
1
µA
Input Control Pins (EN, ADDR, PORT, SCL, SDA)
IIH
High-level input current
-5
-
5
µA
IIL
Low-level input current
-5
-
5
µA
RIEN
Internal pull-down resistance for EN
2
5
10
MΩ
Current Consumption
IDD
Operating current, Device mode
SNK connects to SRC
-
35
65
µA
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com