Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2H-CPU65 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CJ2H-CPU65
Description  Flagship PLCs with Built-in Multifunctional Ethernet Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU65 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CJ2H-CPU65 Datasheet HTML 1Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 2Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 3Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 4Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 5Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 6Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 7Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 8Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
CJ2H-CPU6
@-EIP
Programming Languages
Ladder Logic (LD),
Sequential Function Charts (SFC),
Structured Text (ST), and
Instruction Lists (IL)
Function
Blocks
Maximum number of definitions
2,048
Maximum number of instances
2,048
Tasks
Type of Tasks
Cyclic tasks
Interrupt tasks (Power OFF interrupt tasks, scheduled interrupt tasks, I/O interrupt tasks, and external interrupt
tasks)
Number of Tasks
Cyclic tasks: 128
Interrupt tasks: 256
(Interrupt tasks can be defined as cyclic tasks to create extra cyclic tasks. Therefore, the total number of cyclic
tasks is actually 384 max.)
Symbols
(Variables)
Type of Symbols
• Local symbols: Can be used only within a single task in the PLC.
• Global symbols: Can be used in all tasks in the PLC.
• Network symbols (tags): I/O memory in the CPU Unit can be externally accessed using symbols, depending
on parameter settings.
Data Type of Symbols
• BOOL (bit)
• UINT (one-word unsigned binary)
• UDINT (two-word unsigned binary)
• ULINT (four-word unsigned binary)
• INT (one-word signed binary)
• DINT (two-word signed binary)
• LINT (four-word signed binary)
• UINT BCD (one-word unsigned BCD) *1
• UDINT BCD (two-word unsigned BCD) *1
• ULINT BCD (four-word unsigned BCD) *1
• REAL (two-word floating-point)
• LREAL (four-word floating-point)
• CHANNEL (word) *1
• NUMBER (constant or number) *1
• WORD (one-word hexadecimal)
• DWORD (two-word hexadecimal)
• LWORD (four-word hexadecimal)
• STRING (1 to 255 ASCII characters)
• TIMER (timer) *2
• COUNTER (counter) *2
• User defined data types (data structures) *3
*1. Cannot be used in Function blocks
*2. Can be used only in Function blocks
*3. Supported only when CX-Programmer version 9.0 or later is used
Maximum Size of Symbol
32k words
Array Symbols (Array Variables)
One-dimensional arrays
Number of Array Elements
32,000 elements max.
Number of Registrable Network
Symbols (Tags)
20,000 max.
Length of Network Symbol (Tag)
Name
255 bytes max.
Encoding of Network Symbols
(Tags)
UTF-8
Data Tracing
Memory Capacity
8,000 words
16,000 words
32,000 words
(The EM Area can be specified from the CX-Programmer to use up to 32K words multiplied by the number of
banks supported by the CPU Unit model.)
Number of Samplings
Bits = 31, one-word data =16, two-word data = 8, four-word data = 4
Sampling Cycle
1 to 2,550 ms (Unit: 1 ms)
Trigger Conditions
ON/OFF of specified bit
Data comparison of specified word
Data size: 1 word, 2 words, 4 words
Comparison Method: Equals (=), Greater Than (>), Greater Than or Equals (
≥), Less Than (<), Less Than or
Equals (
≤), Not Equal (≠)
Delay Value
−32,768 to +32,767 ms
File Memory
Memory Card (128, 256, or 512 Mbytes) (Use the Memory Cards provided by OMRON.)
EM file memory (Part of the EM Area can be converted for use as file memory.)
Source/
Comment
Memory
Program sources, comments,
program indexes, symbol tables
Capacity: 3.5 Mbytes
Items
CJ2H-
CPU64-EIP
CPU65-EIP
CPU66-EIP
CPU67-EIP
CPU68-EIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com