Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMFLEX-3-4 Datasheet(PDF) 2 Page - Astec America, Inc

Part # HMFLEX-3-4
Description  250-2600 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HMFLEX-3-4 Datasheet(HTML) 2 Page - Astec America, Inc

  HMFLEX-3-4 Datasheet HTML 1Page - Astec America, Inc HMFLEX-3-4 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EEU
UR
RO
OP
PEE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
A
AM
MEER
RIIC
CA
AS
S
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
171
Ordering Information
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
H
HM
MFFLLEEX
X--
--
Rectifier
Base
123
4
1
250W
500W
750W
1000W
2
500W
1000W
1500W
2000W
3
650W
1300W
1950W
2600W
Multiplier
1
H
HM
MFFLLEEX
X--
-- 3
750 W total power
with three 250 W rectifiers
EXAMPLE:
Helios MiniFLEX includes Power Shelf, LVD, and distribution; eight 10A GMT fuses
Options:
P0917017 Helios MiniFlex 23” adapter bracket kit
A080297
Battery Shelf and battery tray cable assembly to accommodate 30 A hr battery string for HMFLEX-1-
system (battery not included)
P0917018 Battery shelf 23” adapter bracket kit
P0944645 60” power cord for up to 220 VAC with Hubbel #2321AC plug
P0944646 120” power cord for up to 220 VAC with Hubbel #2321AC plug
P0944647 180” power cord for up to 220 VAC with Hubbel #2321AC plug
P0944716 60” power cord for up to 220VAC without AC plug
P0944718 120” power cord for up to 220VAC without AC plug
P0944719 180” power cord for up to 220VAC without AC plug



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com