Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5M0280RYDTU Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA5M0280RYDTU
Description  Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA5M0280RYDTU Datasheet(HTML) 2 Page - ON Semiconductor

  KA5M0280RYDTU Datasheet HTML 1Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 2Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 3Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 4Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 5Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 6Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 7Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 8Page - ON Semiconductor KA5M0280RYDTU Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2003 6HPLFRQGXFWRU &RPSRQHQWV ,QGXVWULHV //&
2FWREHU
5HY
3XEOLFDWLRQ 2UGHU 1XPEHU
.$ /
5 '
Features
• Precision Fixed Operating Frequency (100/67/50kHz)
• Low Start-up Current (Typ. 100uA)
• Pulse by Pulse Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 25V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto-Restart Mode
Description
The Power Switch product family is specially designed for
an off-line SMPS with minimal external components. The
Power Switch consist of high voltage power SenseFET and
current mode PWM IC. Included PWM controller features
integrated fixed oscillator, under voltage lock out, leading edge
blanking, optimized gate turn-on/turn-off driver, thermal shut
down protection, over voltage protection, and temperature
compensated precision current sources for loop
compensation and fault protection circuitry-compared to
discrete MOSFET and controller or RCC switching converter
solution. The Power Switch can reduce total component count,
design size, weight and at the same time increase efficiency,
productivity, and system reliability. It has a basic platform
well suited for cost-effective design in either a flyback
converter or a forward converter.
TO-220F-4L
8-DIP
TO220-5L
1
1
1
1. Drain
2. GND
3. Vcc
4. FB
5. S/S
1.6.7.8. Drain
2. GND
3. Vcc
4. FB
5. NC
1. GND
2. Drain
3. Vcc
4. FB
uA
Internal Block Diagram
VCC
32V
5
µA
5V
2.5R
1R
1mA
0.1V
+
−
OVER VOLTAGE S/D
+
−
7.5V
27V
Thermal S/D
S
R
Q
Power on reset
+
−
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
DRAIN
GND
FB
Soft Start
9V
*
* KA5H0265RC
KA5x02xx-SERIES
KA5H0265RC, KA5M0265R, KA5L0265R,
KA5H02659RN/KA5M02659RN, KA5H0280R,
KA5M0280R
Power Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com