Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC220STRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC220STRT
Description  20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220STRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC220STRT Datasheet HTML 2Page - Semtech Corporation SC220STRT Datasheet HTML 3Page - Semtech Corporation SC220STRT Datasheet HTML 4Page - Semtech Corporation SC220STRT Datasheet HTML 5Page - Semtech Corporation SC220STRT Datasheet HTML 6Page - Semtech Corporation SC220STRT Datasheet HTML 7Page - Semtech Corporation SC220STRT Datasheet HTML 8Page - Semtech Corporation SC220STRT Datasheet HTML 9Page - Semtech Corporation SC220STRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SC220 x
SC220Q
Efficiency vs. V
IN
Input Voltage (V)
I
OUT = mA
2.5
3.0
3.5
4.0
4.5
5.0
I
OUT = 50mA
I
OUT = 300mA
Efficiency vs. Load Current
Load Current (A)
V
OUT = .8V
V
IN = 3.7V
0.00
0.0
0.

30 %
40 %
50 %
60 %
70 %
00 %
V
IN = 4.2V
80 %
90 %
V
IN = 2.7V
V
OUT = .8V
Typical Characteristics
Switching Frequency vs. V
IN
Switching Frequency vs. V
IN
Input Voltage (V)
I
OUT = 650mA
2.5
3.0
3.5
4.0
4.5
5.5
0
5.0
0.0
5.0
20.0
22.5
2.5
7.5
2.5
7.5
V
OUT = .8V
5.0
I
OUT = 450mA
I
OUT = 300mA
I
OUT = 200mA
Input Voltage (V)
I
OUT = 650mA
2.5
3.0
3.5
4.0
4.5
5.5
0
5.0
0.0
5.0
20.0
22.5
2.5
7.5
2.5
7.5
V
OUT = .0V
5.0
I
OUT = 450mA
I
OUT = 300mA
I
OUT = 200mA
Load Regulation
.77
.79
.80
.78
Nominal V
OUT = .8V
V
IN = 3.7V
V
IN = 4.2V
V
IN = 5.0V
V
IN = 2.7V
Load Current (A)
0.00
0.0
0.

0
0 %
20 %
Efficiency vs. Load Current
(Chip Inductor vs. X-EMITM Inductor)
Load Current (A)
V
OUT = .8V
V
IN = 3.7V
0.00
0.0
0.

V
IN = 4.2V
V
IN = 2.7V
30 %
40 %
50 %
60 %
70 %
00 %
80 %
90 %
0
0 %
20 %
Dashed Lines: Efficiency with X-EMITM Inductor
Solid Lines: Efficiency with chip Inductor
30 %
40 %
50 %
60 %
70 %
00 %
80 %
90 %
0
0 %
20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com