| Electronic Components Datasheet Search |
|
PFP-100N Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PFP-100N Datasheet(HTML) 3 Page - Omron Electronics LLC |
|
3 / 54 page ![]() CP1E-E @@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@ 3 ■Application Model Basic System Configuration Using an N/NA @@S(1)-type CPU Unit Basic System Configuration Using an N/NA-type CPU Unit Expansion I/O Units Expansion Units 8 inputs 8 outputs 16 outputs 32 outputs Analog I/O Analog inputs Analog outputs Temperature sensors CompoBus/S I/O Link Unit Up to 3 Units can be connected DIN Track CP1W-CN811 CP1E CPU Unit Expansion Units and Expansion I/O Units I/O Connecting Cable zWhen a two level layout is created by expansion and distance is required 20 or 40 I/O Points (NT Link/Host Link) General component (No-protocol mode) (Modbus-RTU) CP-series PLC or CJ2M PLC (Serial PLC Link) Host computer (Host Link) Programmable Terminal (PT) Inverter Personal computer Support Software CX-Programmer IBM PC/AT or equivalent Battery CP1W-BAT01 CP1E-N30S(1)D
-
CP1E-N40S(1)D
-
CP1E-N60S(1)D
-
CP1E-N30D
-
CP1E-N40D
-
CP1E-N60D
-
CP1E-NA20D
-
CP1E-N14D
-
CP1E-N20D
-
CP1E CPU Unit Expansion I/O Units Expansion Units 20 or 40 I/O Points 8 inputs 8 outputs 16 outputs 32 outputs Analog I/O Analog inputs Analog outputs Temperature sensors CompoBus/S I/O Link Unit Up to 3 Units can be connected DIN Track CP1W-CN811 CP1E CPU Unit Expansion Units and Expansion I/O Units I/O Connecting Cable Personal computer IBM PC/AT or equivalent Built in RS-232C Battery CP1W-BAT01 zWhen a two level layout is created by expansion and distance is required (NT Link/HOST Link) General component (No-protocol mode) (Modbus-RTU) CP-series PLC or CJ2M PLC (Serial PLC Link) Host computer (Host Link) Programmable Terminal (PT) Inverter Support Software CX-Programmer COMM RS-232C Option Board CP1W-CIF01 COMM RS-422A/485 Option Board CP1W-CIF11 CP1W-CIF12-V1 IP ADDRESS: SUBNET MASK: COMM ERR 10BASE-T 100BASE-TX Ethernet Option Board CP1W-CIF41 (version 2.0 or higher) r O r O Analog Option Board CP1W-ADB21 CP1W-DAB21V CP1W-MAB221 Or * Note Neither the CP1W-DAM01 LCD Option Board nor the CP1W-CIF41 Ethernet Option Board version 1.0 can be used. * Analog Option Board can be mounted only to N30/40/60 or NA20 CPU Units version 1.2 or higher. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |