Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPQ153 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPQ153
Description  150 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ153 Datasheet(HTML) 2 Page - Astec America, Inc

  LPQ153 Datasheet HTML 1Page - Astec America, Inc LPQ153 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
115
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Connector
LPQ152
LPQ153
LPQ154
SK1 PIN 1
INHIBIT -ve
INHIBIT -ve
INHIBIT -ve
PIN 2
INHIBIT +ve
INHIBIT +ve
INHIBIT +ve
PIN 3
+12 V
+15 V
+12 V
PIN 4
No Connection
No Connection
No Connection
PIN 5
COMMON
COMMON
COMMON
PIN 6
-SENSE
-SENSE
-SENSE
PIN 7
+SENSE
+SENSE
+SENSE
PIN 8
I SHARE
I SHARE
I SHARE
SK2 PIN 1,2
+12 V
+15 V
+12 V
PIN 3,4,5 COMMON
COMMON
COMMON
PIN 6
-12 V
-15 V
-12 V
PIN 7
POK
POK
POK
PIN 8
+5 V to +25 V (Float) +5 V to +25 V (Float)
+24 V
PIN 9
COMMON (Float)
COMMON (Float)
COMMON
SK3 TB-1
COMMON
COMMON
COMMON
TB-2
+5 V
+5 V
+5 V
SK4 PIN 1
GROUND
GROUND
GROUND
PIN 3
LINE
LINE
LINE
PIN 5
NEUTRAL
NEUTRAL
NEUTRAL
Mating Connectors
(SK4) AC Input:
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS: 08-58-0111
(SK2) Aux DC Output/Power fail:
Molex 09-50-8091 (USA)
Molex 09-91-0900 (UK)
PINS: 08-58-0111
(SK1) Remote sense/Remote inhibit:
Molex 51110-0851 (USA)
PINS: 503-94-8100
Astec Connector Kit #70-841-010, includes al of the above.
4.25
(108.0)
1.5
(38.1)
.75 (19.0)
.5625
SK3
8.5
(216.0)
7.4
(188.0)
2.5
(63.5)
.875
(22.25)
SK2
SK4
#6-32 UNC (8 places)
1
987654321
5 3 1
SK1
1234
8765
2
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load1
P/P (PARD)3
LPQ152
5 V
2 A
15 A
22 A
30 A
±2%
50 mV
12 V
.1 A
6 A
8 A
10 A
±3%
120 mV
-12 V
.1 A
2 A
2.5 A
3 A
±3%
120 mV
±5-25 V
0 A
2.5 A
3 A
3 A
±3%
240 mV, max.
LPQ153
5 V
2 A
15 A
22 A
30 A
±2%
50 mV
15 V
.1 A
4.8 A
6.4 A
8 A
±3%
150 mV
-15 V
.1 A
1.6 A
2 A
2.4 A
±3%
150 mV
±5-25 V
0 A
2.5 A
3 A
3 A
±3%
240 mV, max.
LPQ154
5 V
2 A
15 A
22 A
30 A
±2%
50 mV
12 V
.1 A
6 A
8 A
10 A
±3%
120 mV
-12 V
.1 A
2 A
2.5 A
3 A
±3%
120 mV
24 V
.5 A
3.5 A
4.5 A
5 A
+10 / -5%
240 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. 4th output adjustable 5-25 V factory set at 5 V.
5. Minimum loads are required.
Note: -C suffix added to the model number indicates cover option.
Pin Assignments
Notes
1. Specifications subject to change
without notice.
2. All dimensions in inches (mm),
tolerance is ±0.02”.
3. Specifications are for convection
rating at factory settings unless
otherwise stated.
4. Remote inhibit requires an external
5V @ 10mA to activate.
5. Mounting (6-32) maximum insertion
depth is 0.12”.
6. Warranty: 1 year
7. Weight: 1.75 lb. / 0.80 kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com